Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPW
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPW Datasheet(HTML) 1 Page - Texas Instruments

  TLC274IPW Datasheet HTML 1Page - Texas Instruments TLC274IPW Datasheet HTML 2Page - Texas Instruments TLC274IPW Datasheet HTML 3Page - Texas Instruments TLC274IPW Datasheet HTML 4Page - Texas Instruments TLC274IPW Datasheet HTML 5Page - Texas Instruments TLC274IPW Datasheet HTML 6Page - Texas Instruments TLC274IPW Datasheet HTML 7Page - Texas Instruments TLC274IPW Datasheet HTML 8Page - Texas Instruments TLC274IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC279 . . . 900
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift ...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
−40
°C to 85°C...4 V to 16 V
−55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix
and I-Suffix Versions)
D Low Noise ...Typically 25 nV/√Hz
at f = 1 kHz
D Output Voltage Range Includes Negative
Rail
D High Input Impedance ...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The TLC274 and TLC279 quad operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high
input
impedance,
low
noise,
and
speeds
approaching that of general-purpose BiFET
devices.
These devices use Texas Instruments silicon-
gate LinCMOS
 technology, which provides
offset voltage stability far exceeding the stability
available
with
conventional
metal-gate
processes.
The extremely high input impedance, low bias
currents, and high slew rates make these
cost-effective devices ideal for applications which
have previously been reserved for BiFET and
NFET products. Four offset voltage grades are
available (C-suffix and I-suffix types), ranging
from the low-cost TLC274 (10 mV) to the high-
precision TLC279 (900
µV). These advantages, in
combination with good common-mode rejection
and supply voltage rejection, make these devices
a good choice for new state-of-the-art designs as
well as for upgrading existing designs.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
− 1200
VIO − Input Offset Voltage − µV
30
1200
0
− 600
0
600
5
10
15
20
25
VDD = 5 V
TA = 25°C
N Package
DISTRIBUTION OF TLC279
INPUT OFFSET VOLTAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
GND
3IN +
3IN −
3OUT
D, J, N, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
GND
NC
3IN +
1IN +
NC
VDD
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC − No internal connection
290 Units Tested From 2 Wafer Lots
LinCMOS is a trademark of Texas Instruments.


Similar Part No. - TLC274IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274IPW TI-TLC274IPW Datasheet
1Mb / 49P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274IPWR TI-TLC274IPWR Datasheet
1Mb / 49P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274IPWRG4 TI-TLC274IPWRG4 Datasheet
1Mb / 49P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC274IPW

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
PIC7516 KODENSHI-PIC7516 Datasheet
197Kb / 3P
Low level offset-voltage drift
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
logo
Texas Instruments
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com