Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPW Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPW
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPW Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC274IPW Datasheet HTML 26Page - Texas Instruments TLC274IPW Datasheet HTML 27Page - Texas Instruments TLC274IPW Datasheet HTML 28Page - Texas Instruments TLC274IPW Datasheet HTML 29Page - Texas Instruments TLC274IPW Datasheet HTML 30Page - Texas Instruments TLC274IPW Datasheet HTML 31Page - Texas Instruments TLC274IPW Datasheet HTML 32Page - Texas Instruments TLC274IPW Datasheet HTML 33Page - Texas Instruments TLC274IPW Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
single-supply operation
While the TLC274 and TLC279 perform well using dual power supplies (also called balanced or split supplies),
the design is optimized for single-supply operation. This design includes an input common-mode voltage range
that encompasses ground as well as an output voltage range that pulls down to ground. The supply voltage
range extends down to 3 V (C-suffix types), thus allowing operation with supply levels commonly available for
TTL and HCMOS; however, for maximum dynamic range, 16-V single-supply operation is recommended.
Many single-supply applications require that a voltage be applied to one input to establish a reference level that
is above ground. A resistive voltage divider is usually sufficient to establish this reference level (see Figure 38).
The low input bias current of the TLC274 and TLC279 permits the use of very large resistive values to implement
the voltage divider, thus minimizing power consumption.
The TLC274 and TLC279 work well in conjunction with digital logic; however, when powering both linear devices
and digital logic from the same power supply, the following precautions are recommended:
1.
Power the linear devices from separate bypassed supply lines (see Figure 39); otherwise the linear
device supply rails can fluctuate due to voltage drops caused by high switching currents in the digital
logic.
2.
Use proper bypass techniques to reduce the probability of noise-induced errors. Single capacitive
decoupling is often adequate; however, high-frequency applications may require RC decoupling.
R4
VO
VDD
R2
R1
VI
VREF
R3
C
0.01
µF
VREF = VDD
R3
R1 + R3
VO = (VREF − VI )
R4
R2
+ VREF
Figure 38. Inverting Amplifier With Voltage Reference
Logic
Logic
Logic
(a) COMMON SUPPLY RAILS
(b) SEPARATE BYPASSED SUPPLY RAILS (preferred)
Logic
Logic
Logic
Power
Supply
Power
Supply
VO
VO
Figure 39. Common Versus Separate Supply Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com