Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPWR
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC274IPWR Datasheet HTML 28Page - Texas Instruments TLC274IPWR Datasheet HTML 29Page - Texas Instruments TLC274IPWR Datasheet HTML 30Page - Texas Instruments TLC274IPWR Datasheet HTML 31Page - Texas Instruments TLC274IPWR Datasheet HTML 32Page - Texas Instruments TLC274IPWR Datasheet HTML 33Page - Texas Instruments TLC274IPWR Datasheet HTML 34Page - Texas Instruments TLC274IPWR Datasheet HTML 35Page - Texas Instruments TLC274IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output characteristics (continued)
2.5 V
VO
CL
− 2.5 V
VI
(d) TEST CIRCUIT
TA = 25°C
f = 1 kHz
VIPP = 1 V
(a) CL = 20 pF, RL = NO LOAD
(b) CL = 130 pF, RL = NO LOAD
(c) CL = 150 pF, RL = NO LOAD
Figure 41. Effect of Capacitive Loads and Test Circuit
Although the TLC274 and TLC279 possess excellent high-level output voltage and current capability, methods
for boosting this capability are available, if needed. The simplest method involves the use of a pullup resistor
(RP) connected from the output to the positive supply rail (see Figure 42). There are two disadvantages to the
use of this circuit. First, the NMOS pulldown transistor N4 (see equivalent schematic) must sink a comparatively
large amount of current. In this circuit, N4 behaves like a linear resistor with an on-resistance between
approximately 60
Ω and 180 Ω, depending on how hard the op amp input is driven. With very low values of RP,
a voltage offset from 0 V at the output occurs. Second, pullup resistor RP acts as a drain load to N4 and the gain
of the operational amplifier is reduced at output voltage levels where N5 is not supplying the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com