Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPWR
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC274IPWR Datasheet HTML 18Page - Texas Instruments TLC274IPWR Datasheet HTML 19Page - Texas Instruments TLC274IPWR Datasheet HTML 20Page - Texas Instruments TLC274IPWR Datasheet HTML 21Page - Texas Instruments TLC274IPWR Datasheet HTML 22Page - Texas Instruments TLC274IPWR Datasheet HTML 23Page - Texas Instruments TLC274IPWR Datasheet HTML 24Page - Texas Instruments TLC274IPWR Datasheet HTML 25Page - Texas Instruments TLC274IPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
0
0
IOH − High-Level Output Current − mA
−10
5
−2
−4
−6
−8
1
2
3
4
TA = 25°C
VDD = 5 V
VDD = 4 V
VDD = 3 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VID = 100 mV
Q
Figure 11
0
0
IOH − High-Level Output Current − mA
−40
16
−10
− 20
−30
2
4
6
8
10
12
14
VDD = 16 V
VDD = 10 V
VID = 100 mV
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
−35
−5
−15
− 25
Figure 12
0
VDD − Supply Voltage − V
16
2
4
6
8
10
12
14
14
12
10
8
6
4
2
16
0
VID = 100 mV
RL = 10 kΩ
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 13
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VDD −1.7
VDD −1.8
VDD −1.9
VDD −2
VDD −2.1
VDD −2.2
VDD −2.3
100
75
50
25
0
−25
−50
VDD −1.6
125
TA − Free-Air Temperature − °C
VDD −2.4
−75
IOH = − 5 mA
VID = 100 mA
VDD = 5 V
VDD = 10 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com