Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPWR
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC274IPWR Datasheet HTML 31Page - Texas Instruments TLC274IPWR Datasheet HTML 32Page - Texas Instruments TLC274IPWR Datasheet HTML 33Page - Texas Instruments TLC274IPWR Datasheet HTML 34Page - Texas Instruments TLC274IPWR Datasheet HTML 35Page - Texas Instruments TLC274IPWR Datasheet HTML 36Page - Texas Instruments TLC274IPWR Datasheet HTML 37Page - Texas Instruments TLC274IPWR Datasheet HTML 38Page - Texas Instruments TLC274IPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
VI
(see Note A)
1.2 k
Ω
4.7 k
Ω
0.1
µF
22 k
Ω
47 k
Ω
0.01
µF
TIS193
15
Ω
0.47
µF
100 k
Ω
1 k
Ω
20 k
Ω
TL431
TIP31
10 k
Ω
250
µF,
25 V
+
−
VO
(see Note B)
110
Ω
1/4
TLC274
NOTES: B. VI = 3.5 V to 15 V
C. VO = 2 V, 0 to 1 A
Figure 46. Logic-Array Power Supply
R1
9 V
100 k
Ω
0.1
µF
R3
10 k
Ω
10 k
Ω
VO (see Note B)
VO (see Note A)
R2
TLC274
1/4
1/4
TLC274
47 k
Ω
C
100 k
Ω
9 V
fO =
1
4C(R2)
R1
R2
NOTES: A. VO(PP) = 8 V
B. VO(PP) = 4 V
Figure 47. Single-Supply Function Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com