Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPWR
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLC274IPWR Datasheet HTML 1Page - Texas Instruments TLC274IPWR Datasheet HTML 2Page - Texas Instruments TLC274IPWR Datasheet HTML 3Page - Texas Instruments TLC274IPWR Datasheet HTML 4Page - Texas Instruments TLC274IPWR Datasheet HTML 5Page - Texas Instruments TLC274IPWR Datasheet HTML 6Page - Texas Instruments TLC274IPWR Datasheet HTML 7Page - Texas Instruments TLC274IPWR Datasheet HTML 8Page - Texas Instruments TLC274IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
In general, many features associated with bipolar technology are available on LinCMOS
 operational
amplifiers, without the power penalties of bipolar technology. General applications such as transducer
interfacing, analog calculations, amplifier blocks, active filters, and signal buffering are easily designed with the
TLC274 and TLC279. The devices also exhibit low voltage single-supply operation, making them ideally suited
for remote and inaccessible battery-powered applications. The common-mode input voltage range includes the
negative rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand −100-mA surge currents without sustaining latch-up.
The TLC274 and TLC279 incorporate internal ESD-protection circuits that prevent functional failures at voltages
up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in handling
these devices as exposure to ESD may result in the degradation of the device parametric performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from − 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of − 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
CHIP
FORM
(Y)
0
°C to 70°C
900
µV
2 mV
5 mV
10 mV
TLC279CD
TLC274BCD
TLC274ACD
TLC274CD
—
—
—
—
—
—
—
—
TLC279CN
TLC274BCN
TLC274ACN
TLC274CN
—
—
—
TLC274CPW
—
—
—
TLC274Y
900
µV
TLC279ID
—
—
TLC279IN
—
—
−40
°C to 85°C
900
µV
2 mV
TLC279ID
TLC274BID
—
—
—
—
TLC279IN
TLC274BIN
—
—
—
—
−40
°C to 85°C
2 mV
5 mV
TLC274BID
TLC274AID
—
—
—
—
TLC274BIN
TLC274AIN
—
—
—
—
5 mV
10 mV
TLC274AID
TLC274ID
—
—
—
—
TLC274AIN
TLC274IN
—
—
—
—
−55
°C to 125°C
900
µV
10 mV
TLC279MD
TLC274MD
TLC279MFK
TLC274MFK
TLC279MJ
TLC274MJ
TLC279MN
TLC274MN
—
—
—
—
The D package is available taped and reeled. Add R suffix to the device type (e.g., TLC279CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com