Electronic Components Datasheet Search
  English  ▼

X  

TLC274IPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274IPWR
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC274IPWR Datasheet HTML 12Page - Texas Instruments TLC274IPWR Datasheet HTML 13Page - Texas Instruments TLC274IPWR Datasheet HTML 14Page - Texas Instruments TLC274IPWR Datasheet HTML 15Page - Texas Instruments TLC274IPWR Datasheet HTML 16Page - Texas Instruments TLC274IPWR Datasheet HTML 17Page - Texas Instruments TLC274IPWR Datasheet HTML 18Page - Texas Instruments TLC274IPWR Datasheet HTML 19Page - Texas Instruments TLC274IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC274Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 PF,
VIPP = 1 V
3.6
V/ s
SR
Slew rate at unity gain
RL = 10 kΩ,
See Figure 1
CL = 20 PF,
VIPP = 2.5 V
2.9
V/
µs
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
nV/
√Hz
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 PF,
RL = 10 kΩ,
320
kHz
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 PF,
See Figure 3
1.7
MHz
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 PF,
46
°
operating characteristics, VDD = 10 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC274Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 PF,
VIPP = 1 V
5.3
V/ s
SR
Slew rate at unity gain
RL = 10 kΩ,
See Figure 1
CL = 20 PF,
VIPP = 5.5 V
4.6
V/
µs
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
nV/
√Hz
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 PF,
RL = 10 kΩ,
200
kHz
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 PF,
See Figure 3
2.2
MHz
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 PF,
49
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com