Electronic Components Datasheet Search
  English  ▼

X  

AD5697R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5697R
Description  Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5697R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5697R Datasheet HTML 12Page - Analog Devices AD5697R Datasheet HTML 13Page - Analog Devices AD5697R Datasheet HTML 14Page - Analog Devices AD5697R Datasheet HTML 15Page - Analog Devices AD5697R Datasheet HTML 16Page - Analog Devices AD5697R Datasheet HTML 17Page - Analog Devices AD5697R Datasheet HTML 18Page - Analog Devices AD5697R Datasheet HTML 19Page - Analog Devices AD5697R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD5697R
Data Sheet
Rev. 0 | Page 16 of 28
DAC-to-DAC Crosstalk
This is the glitch impulse transferred to the output of one DAC
due to a digital code change and subsequent analog output change
of another DAC. It is measured by loading the attack channel
with a full-scale code change (all 0s to all 1s and vice versa), using
the write to and update commands while monitoring the output
of the victim channel that is at midscale. The energy of the glitch is
expressed in nV-sec.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is a measure of this. A sine wave on the
reference (with full-scale code loaded to the DAC) appears on
the output. The multiplying bandwidth is the frequency at which
the output amplitude falls to 3 dB below the input.
Total Harmonic Distortion (THD)
THD is the difference between an ideal sine wave and its attenuated
version using the DAC. The sine wave is used as the reference
for the DAC, and the THD is a measurement of the harmonics
present on the DAC output. It is measured in dB.
Voltage Reference Temperature Coefficient (TC)
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The reference TC
is calculated using the box method, which defines the TC as the
maximum change in the reference output over a given temperature
range expressed in ppm/°C as follows;
6
10
×
×
−
=
TempRange
V
V
V
TC
REFnom
REFmin
REFmax
where:
VREFmax is the maximum reference output measured over the total
temperature range.
VREFmin is the minimum reference output measured over the total
temperature range.
VREFnom is the nominal reference output voltage, 2.5 V.
TempRange is the specified temperature range of −40°C to +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com