Electronic Components Datasheet Search
  English  ▼

X  

AD5697R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5697R
Description  Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5697R Datasheet(HTML) 3 Page - Analog Devices

  AD5697R Datasheet HTML 1Page - Analog Devices AD5697R Datasheet HTML 2Page - Analog Devices AD5697R Datasheet HTML 3Page - Analog Devices AD5697R Datasheet HTML 4Page - Analog Devices AD5697R Datasheet HTML 5Page - Analog Devices AD5697R Datasheet HTML 6Page - Analog Devices AD5697R Datasheet HTML 7Page - Analog Devices AD5697R Datasheet HTML 8Page - Analog Devices AD5697R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5697R
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; 1.8 V ≤ VLOGIC ≤ 5.5 V; and all specifications TMIN to TMAX, unless otherwise noted. RL = 2 kΩ; and CL = 200 pF.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
12
Bits
Relative Accuracy
±0.12
±1
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
Zero-Code Error
0.4
1.5
mV
All 0s loaded to DAC register
Offset Error
+0.1
±1.5
mV
Full-Scale Error
+0.01
±0.1
% of FSR
All 1s loaded to DAC register
Gain Error
±0.02
±0.1
% of FSR
Total Unadjusted Error
±0.01
±0.1
% of FSR
External reference; gain = 2; TSSOP
±0.2
% of FSR
Internal reference; gain = 1; TSSOP
Offset Error Drift2
±1
μV/°C
Gain Temperature Coefficient2
±1
ppm
Of FSR/°C
DC Power Supply Rejection Ratio2
0.15
mV/V
DAC code = midscale; VDD = 5 V ± 10%
DC Crosstalk2
±2
μV
Due to single channel, full-scale output change
±3
μV/mA
Due to load current change
±2
μV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
VREF
V
Gain = 1
0
2 × VREF
V
Gain = 2, see Figure 26
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 1 kΩ
Resistive Load3
1
kΩ
Load Regulation
80
μV/mA
5 V ± 10%, DAC code = midscale;
−30 mA ≤ IOUT ≤ +30 mA
80
μV/mA
3 V ± 10%, DAC code = midscale;
−20 mA ≤ IOUT ≤ +20 mA
Short-Circuit Current4
40
mA
Load Impedance at Rails5
25
Ω
See Figure 26
Power-Up Time
2.5
μs
Coming out of power-down mode; VDD = 5 V
REFERENCE OUTPUT
Output Voltage6
2.4975
2.5025
V
At ambient
Reference Temperature Coefficient 7, 8
2
5
ppm/°C
See the Terminology section
Output Impedance2
0.04
Ω
Output Voltage Noise2
12
μV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density2
240
nV/√Hz
At ambient; f = 10 kHz, CL = 10 nF
Load Regulation Sourcing2
20
μV/mA
At ambient
Load Regulation Sinking2
40
μV/mA
At ambient
Output Current Load Capability2
±5
mA
VDD ≥ 3 V
Line Regulation2
100
μV/V
At ambient
Long-Term Stability/Drift2
12
ppm
After 1000 hours at 125°C
Thermal Hysteresis2
125
ppm
First cycle
25
ppm
Additional cycles
LOGIC INPUTS2
Input Current
±2
μA
Per pin
Input Low Voltage, VINL
0.3 × VLOGIC
V
Input High Voltage, VINH
0.7 × VLOGIC
V
Pin Capacitance
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com