Electronic Components Datasheet Search
  English  ▼

X  

AD5697R Datasheet(PDF) 19 Page - Analog Devices

Part # AD5697R
Description  Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5697R Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5697R Datasheet HTML 15Page - Analog Devices AD5697R Datasheet HTML 16Page - Analog Devices AD5697R Datasheet HTML 17Page - Analog Devices AD5697R Datasheet HTML 18Page - Analog Devices AD5697R Datasheet HTML 19Page - Analog Devices AD5697R Datasheet HTML 20Page - Analog Devices AD5697R Datasheet HTML 21Page - Analog Devices AD5697R Datasheet HTML 22Page - Analog Devices AD5697R Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5697R
Rev. 0 | Page 19 of 28
SERIAL OPERATION
The AD5697R has a 7-bit slave address. The five MSBs are 00011
and the two LSBs (A1 and A0) are set by the state of the A0 and
A1 address pins. The ability to make hardwired changes to A0
and A1 allows the user to incorporate up to four of these devices
on one bus, as outlined in Table 9.
Table 9. Device Address Selection
A0 Pin Connection
A1 Pin Connection
A0
A1
GND
GND
0
0
VLOGIC
GND
1
0
GND
VLOGIC
0
1
VLOGIC
VLOGIC
1
1
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address. The slave
address corresponding to the transmitted address responds
by pulling SDA low during the 9th clock pulse (this is termed
the acknowledge bit). At this stage, all other devices on the
bus remain idle while the selected device waits for data to
be written to, or read from, its shift register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of SCL.
3. When all data bits have been read or written, a stop condition
is established. In write mode, the master pulls the SDA line
high during the 10th clock pulse to establish a stop condition.
In read mode, the master issues a no acknowledge for the
9th clock pulse (that is, the SDA line remains high). The
master then brings the SDA line low before the 10th clock
pulse, and then high during the 10th clock pulse to establish
a stop condition.
WRITE OPERATION
When writing to the AD5697R, the user must begin with a start
command followed by an address byte (R/W = 0), after which
the DAC acknowledges that it is prepared to receive data by
pulling SDA low. The AD5697R requires two bytes of data for the
DAC and a command byte that controls various DAC functions.
Three bytes of data must, therefore, be written to the DAC with the
command byte followed by the most significant data byte and
the least significant data byte, as shown in Figure 44. All these data
bytes are acknowledged by the AD5697R. A stop condition follows.
Figure 44. I2C Write Operation
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
9
9
1
SCL
START BY
MASTER
ACK. BY
AD5697R
ACK. BY
AD5697R
SDA
R/W
DB23
A0
A1
1
0
0
0
1
DB22 DB21
DB20
DB19 DB18
DB17
DB16
1
9
9
1
ACK. BY
AD5697R
ACK. BY
AD5697R
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14
DB13 DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com