Electronic Components Datasheet Search
  English  ▼

X  

AD5697R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5697R
Description  Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5697R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5697R Datasheet HTML 20Page - Analog Devices AD5697R Datasheet HTML 21Page - Analog Devices AD5697R Datasheet HTML 22Page - Analog Devices AD5697R Datasheet HTML 23Page - Analog Devices AD5697R Datasheet HTML 24Page - Analog Devices AD5697R Datasheet HTML 25Page - Analog Devices AD5697R Datasheet HTML 26Page - Analog Devices AD5697R Datasheet HTML 27Page - Analog Devices AD5697R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD5697R
Rev. 0 | Page 25 of 28
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5697R is via a serial bus that
uses a standard protocol that is compatible with DSP processors
and microcontrollers. The communications channel requires a
2-wire interface consisting of a clock signal and a data signal.
AD5697R-TO-ADSP-BF531 INTERFACE
The I2C interface of the AD5697R is designed to be easily
connected to industry-standard DSPs and microcontrollers.
Figure 51 shows the AD5697R connected to the Analog Devices
Blackfin® DSP (ADSP-BF531). The Blackfin has an integrated I2C
port that can be connected directly to the I2C pins of the AD5697R.
Figure 51. ADSP-BF531 Interface to the AD5338R
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration of
the power supply and ground return layout helps to ensure the
rated performance. Design the printed circuit board (PCB) on
which the AD5697R is mounted so that the AD5697R lies on
the analog plane.
The AD5697R must have ample supply bypassing of 10 µF in
parallel with 0.1 µF on each supply, located as close to the package
as possible, ideally right up against the device. The 10 µF capacitor
is the tantalum bead type. The 0.1 µF capacitor must have low
effective series resistance (ESR) and low effective series inductance
(ESI), such as the common ceramic types that provide a low
impedance path to ground at high frequencies to handle transient
currents due to internal logic switching.
In systems where there are many devices on one board, it is often
useful to provide some heat sinking capability to allow the power
to dissipate easily.
The AD5697R LFCSP model has an exposed paddle beneath
the device. Connect this paddle to the GND supply for the part.
For optimum performance, use special considerations to design
the motherboard and to mount the package. For enhanced thermal,
electrical, and board level performance, solder the exposed paddle
on the bottom of the package to the corresponding thermal land
paddle on the PCB. Design thermal vias into the PCB land paddle
area to further improve heat dissipation.
The GND plane on the device can be increased (as shown in
Figure 52) to provide a natural heat sinking effect.
Figure 52. Paddle Connection to Board
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that may occur. iCoupler®
products from Analog Devices provide voltage isolation in
excess of 2.5 kV. The serial loading structure of the AD5697R
makes the part ideal for isolated interfaces because the number of
interface lines is kept to a minimum. Figure 53 shows a 4-channel
isolated interface to the AD5697R using the ADuM1400. For
further information, visit http://www.analog.com/icouplers.
Figure 53. Isolated Interface
ADSP-BF531
SCL
GPIO1
SDA
GPIO2
LDAC
PF9
RESET
PF8
AD5697R
AD5697R
GND
PLANE
BOARD
ENCODE
SERIAL
CLOCK IN
CONTROLLER
ADuM14001
SERIAL
DATA OUT
RESET OUT
LOAD DAC
OUT
DECODE
TO
SCLK
TO
SDIN
TO
RESET
TO
LDAC
VIA
VOA
ENCODE
DECODE
VIB
VOB
ENCODE
DECODE
VIC
VOC
ENCODE
DECODE
VID
VOD
1ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com