Electronic Components Datasheet Search
  English  ▼

X  

MOC2R60 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MOC2R60
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R60 Datasheet(HTML) 4 Page - Motorola, Inc

  MOC2R60 Datasheet HTML 1Page - Motorola, Inc MOC2R60 Datasheet HTML 2Page - Motorola, Inc MOC2R60 Datasheet HTML 3Page - Motorola, Inc MOC2R60 Datasheet HTML 4Page - Motorola, Inc MOC2R60 Datasheet HTML 5Page - Motorola, Inc MOC2R60 Datasheet HTML 6Page - Motorola, Inc MOC2R60 Datasheet HTML 7Page - Motorola, Inc MOC2R60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MOC2R60-10 MOC2R60-15
4
Motorola Optoelectronics Device Data
1.40
0.00
2.00
1.80
1.60
1.20
– 40
TA, AMBIENT TEMPERATURE (°C)
– 20
0
+ 25
+ 40
+ 60
1.00
+ 80
0.60
0.80
0.40
0.20
Figure 9. Holding Current versus
Ambient Temperature
1000
40
TA, AMBIENT TEMPERATURE (°C)
Figure 10. dv/dt versus Ambient Temperature
10
0
– 40
– 20
0
20
80
120
60
100
100
+ 100
Static
Normalized
at 25
°C
Commutating
IT = 30 mA – 2A(RMS)
F = 60 Hz
Phase Control Considerations
LED Trigger Current versus PW (normalized)
The Random Phase POWER OPTO Isolators are designed
to be phase controllable. They may be triggered at any phase
angle within the AC sine wave. Phase control may be accom-
plished by an AC line zero cross detector and a variable pulse
delay generator which is synchronized to the zero cross de-
tector. The same task can be accomplished by a microproces-
sor which is synchronized to the AC zero crossing. The phase
controlled trigger current may be a very short pulse which
saves energy delivered to the input LED. LED trigger pulse
currents shorter than 100
µs must have an increased ampli-
tude as shown on Figure 11. This graph shows the dependen-
cy of the trigger current IFT versus the pulse width t (PW). The
reason for the IFT dependency on the pulse width can be seen
on the chart delay t(d) versus the LED trigger current.
IFT in the graph IFT versus (PW) is normalized in respect to
the minimum specified IFT for static condition, which is speci-
fied in the device characteristic. The normalized IFT has to be
multiplied with the devices guaranteed static trigger current.
Example:
Guaranteed IFT = 10 mA, Trigger pulse width PW = 3 µs
IFT (pulsed) = 10 mA x 5 = 50 mA
Minimum LED Off Time in Phase Control Applications
In phase control applications one intends to be able to con-
trol each AC sine half wave from 0 to 180 degrees. Turn on at
zero degrees means full power, and turn on at 180 degrees
means zero power. This is not quite possible in reality be-
cause triac driver and triac have a fixed turn on time when
activated at zero degrees. At a phase control angle close to
180 degrees the turn on pulse at the trailing edge of the AC
sine wave must be limited to end 200
µs before AC zero
cross as shown in Figure 12. This assures that the device
has time to switch off. Shorter times may cause loss off con-
trol at the following half cycle.
Figure 11. LED Current Required to Trigger
versus LED Pulse Width
PWin, LED TRIGGER PULSE WIDTH (µs)
1
25
20
15
10
5
0
2
5
10
20
50
100
NORMALIZED TO:
PWin ≥ 100 µs
Figure 12. Minimum Time for LED Turn-Off to
Zero Cross of AC Trailing Edge
AC SINE
0
°
180
°
LED PW
LED CURRENT
LED TURN OFF MIN 200
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com