Electronic Components Datasheet Search
  English  ▼

X  

MOC2R60 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MOC2R60
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R60 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC2R60 Datasheet HTML 1Page - Motorola, Inc MOC2R60 Datasheet HTML 2Page - Motorola, Inc MOC2R60 Datasheet HTML 3Page - Motorola, Inc MOC2R60 Datasheet HTML 4Page - Motorola, Inc MOC2R60 Datasheet HTML 5Page - Motorola, Inc MOC2R60 Datasheet HTML 6Page - Motorola, Inc MOC2R60 Datasheet HTML 7Page - Motorola, Inc MOC2R60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Optoelectronics Device Data
Advance Information
POWER OPTO™ Isolator
2 Amp RandomPhase Triac Output
This device consists of a gallium arsenide infrared emitting diode optically coupled
to a random phase triac driver circuit and a power triac. It is capable of driving a load
of up to 2 amps (rms) directly, on line voltages from 20 to 280 volts AC (rms).
• Provides Normally Open Solid State AC Output with 2 Amp Rating
• 70 Amp Single Cycle Surge Capability
• Phase Controllable
• High Input-Output Isolation of 3750 vac (rms)
• Static dv/dt Rating of 400 Volts/µs Guaranteed
• 2 Amp Pilot Duty Rating Per UL508 W117 (Overload Test)
and
W118 (Endurance Test)
[File No. 129224]
• CSA Approved [File No. CA77170-1]. VDE Approval in Process.
• Exceeds NEMA 2-230 and IEEE472 Noise Immunity Test Requirements
(See Figure 17)
DEVICE RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Forward Current — Maximum Continuous
IF
50
mA
Forward Current — Maximum Peak
(PW = 100
µs, 120 pps)
IF(pk)
1.0
A
Reverse Voltage — Maximum
VR
6.0
V
OUTPUT TRIAC
Output Terminal Voltage — Maximum Transient (1)
VDRM
600
V(pk)
Operating Voltage Range — Maximum Continuous
(f = 47 – 63 Hz)
VT
20 to 280
Vac(rms)
On-State Current Range
(Free Air, Power Factor
≥ 0.3)
IT(rms)
0.03 to 2.0
A
Non-Repetitive Single Cycle Surge Current —
Maximum Peak (t = 16.7 ms)
ITSM
70
A
Main Terminal Fusing Current (t = 8.3 ms)
I2T
26
A2sec
Load Power Factor Range
PF
0.3 to 1.0
—
Junction Temperature Range
TJ
– 40 to 125
°C
TOTAL DEVICE
Input-Output Isolation Voltage — Maximum (2)
47 – 63 Hz, 1 sec Duration
VISO
3750
Vac(rms)
Thermal Resistance — Power Triac Junction to
Case (See Figure 18)
R
θJC
8.0
°C/W
Ambient Operating Temperature Range
Toper
– 40 to +100
°C
Storage Temperature Range
Tstg
– 40 to +150
°C
Lead Soldering Temperature — Maximum
(1/16
″ From Case, 10 sec Duration)
TL
260
°C
1. Test voltages must be applied within dv/dt rating.
2. Input-Output isolation voltage, VISO, is an internal device dielectric breakdown rating.
(2)For this test, pins 2, 3 and the heat tab are common, and pins 7 and 9 are common.
POWER OPTO is a trademark of Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MOC2R60–10/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DEVICE SCHEMATIC
OPTOISOLATOR
2 AMPS
RANDOM–PHASE
TRIAC OUTPUT
600 VOLTS
1, 4, 5, 6, 8. NO PIN
2. LED CATHODE
3. LED ANODE
7. MAIN TERMINAL 2
9. MAIN TERMINAL 1
7
9
3
2
CASE 417-02
Style 2
PLASTIC PACKAGE
CASE 417A-02
Style 1
PLASTIC PACKAGE
CASE 417B-01
Style 1
PLASTIC PACKAGE
2
3
7
9
MOC2R60-10
MOC2R60-15
*Motorola Preferred Devices
*
© Motorola, Inc. 1995
REV 1


Similar Part No. - MOC2R60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC205 MOTOROLA-MOC205 Datasheet
118Kb / 4P
SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
520Kb / 10P
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205M FAIRCHILD-MOC205M Datasheet
2Mb / 10P
Small Outline Optocouplers Transistor Output
More results

Similar Description - MOC2R60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2A6010 MOTOROLA-MOC2A6010 Datasheet
203Kb / 8P
OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
Optoisolator TRIAC Driver Output
logo
Central Semiconductor C...
2N6071 CENTRAL-2N6071 Datasheet
81Kb / 2P
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
Random-Phase Triac Driver
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
Random-Phase Triac Driver
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Guangdong Youtai Semico...
MOC3022SM UMW-MOC3022SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com