Electronic Components Datasheet Search
  English  ▼

X  

MOC2R60 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MOC2R60
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R60 Datasheet(HTML) 3 Page - Motorola, Inc

  MOC2R60 Datasheet HTML 1Page - Motorola, Inc MOC2R60 Datasheet HTML 2Page - Motorola, Inc MOC2R60 Datasheet HTML 3Page - Motorola, Inc MOC2R60 Datasheet HTML 4Page - Motorola, Inc MOC2R60 Datasheet HTML 5Page - Motorola, Inc MOC2R60 Datasheet HTML 6Page - Motorola, Inc MOC2R60 Datasheet HTML 7Page - Motorola, Inc MOC2R60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOC2R60-10 MOC2R60-15
3
Motorola Optoelectronics Device Data
1.20
0.60
2.20
1.40
1.60
0.80
ITM, INSTANTANEOUS ON-STATE CURRENT (A)
0.1
1.0
2.00
1.80
1.00
0.03
Pulse or DC
Pulse
Only
TJ = 25°C
0.01
– 40
– 20
0
20
80
120
100
10
1.0
0.1
Figure 3. Forward LED Trigger Current
versus Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
60
100
40
20
IT, MAIN TERMINAL CURRENT (A)
Figure 4. Maximum Allowable On-State RMS Output
Current (Free Air) versus Ambient Temperature
0.01
0.1
1
10
120
100
80
60
40
0
2.5
2.0
1.0
0.5
0.0
Figure 5. On-State Voltage Drop versus
Output Terminal Current
IT, MAIN TERMINAL CURRENT (A)
0.01
0.1
1.0
10
1.5
Figure 6. Power Dissipation
versus Main Terminal Current
TA, AMBIENT TEMPERATURE (°C)
1.2
0.0
– 40
0
20
60
40
120
1.60
1.50
1.40
1.30
1.20
1.10
0.80
Figure 7. Junction Temperature versus Main
Terminal RMS Current (Free Air)
Figure 8. Leakage with LED Off versus
Ambient Temperature
2.4
2.0
1.6
0.8
TA, AMBIENT TEMPERATURE (°C)
1.00
0.90
– 20
80
100
0.4
– 40
0
20
60
40
120
– 20
80
100
Mean
Maximum
100
°C
Normalized to
TA = 25°C
Worst Case Unit
Normalized to
TA = 25°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com