Electronic Components Datasheet Search
  English  ▼

X  

MOC2R60 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC2R60
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R60 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC2R60 Datasheet HTML 1Page - Motorola, Inc MOC2R60 Datasheet HTML 2Page - Motorola, Inc MOC2R60 Datasheet HTML 3Page - Motorola, Inc MOC2R60 Datasheet HTML 4Page - Motorola, Inc MOC2R60 Datasheet HTML 5Page - Motorola, Inc MOC2R60 Datasheet HTML 6Page - Motorola, Inc MOC2R60 Datasheet HTML 7Page - Motorola, Inc MOC2R60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOC2R60-10 MOC2R60-15
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
VF
1.00
1.17
1.50
V
Reverse Leakage Current (VR = 6.0 V)
IR
—
1.0
100
µA
Capacitance
C
—
18
—
pF
OUTPUT TRIAC
Off-State Leakage, Either Direction
(IF = 0, VDRM = 400 V)
IDRM(1)
—
0.25
100
µA
Critical Rate of Rise of Off-State Voltage (Static)
(Vin = 400 vac(pk)) (1) (2)
dv/dt(s)
400
—
—
V/
µs
Holding Current, Either Direction (IF = 0, VD = 12 V, IT = 200 mA)
IH
—
10
—
mA
COUPLED
LED Trigger Current Required to Latch Output
MOC2R60-10
Either Direction (Main Terminal Voltage = 2.0 V) (3) (4)
MOC2R60-15
IFT(on)
—
7.0
12
10
15
mA
On-State Voltage, Either Direction (IF = Rated IFT(on), ITM = 2.0 A)
VTM
—
0.96
1.3
V
Commutating dv/dt (Rated VDRM, IT = 30 mA – 2.0 A(rms),
TA = – 40 + 100°C, f = 60 Hz) (2)
dv/dt (c)
5.0
—
—
V/
µS
Common-mode Input-Output dv/dt (2)
dv/dt(cm)
—
40,000
—
V/
µS
Input-Output Capacitance (V = 0, f = 1.0 MHz)
CISO
—
1.3
—
pF
Isolation Resistance (VI-O = 500 V)
RISO
1012
1014
—
Ω
1. Per EIA/NARM standard RS–443, with VP = 200 V, which is the instantaneous peak of the maximum operating voltage.
2. Additional dv/dt information, including test methods, can be found in Motorola applications note AN1048/D.
3. All devices are guaranteed to trigger at an IF value less than or equal to the max IFT. Therefore, the recommended operating IF lies between
3. the device’s maximum IFT(on) limit and the Maximum Rating of 50 mA.
4. Current–limiting resistor required in series with LED.
1.40
0.80
– 40
– 20
20
40
80
120
100
80
60
40
20
0
Figure 1. Maximum Allowable Forward LED
Current versus Ambient Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 2. LED Forward Voltage
versus LED Forward Current
2.00
1.80
1.60
1.00
1
IF, FORWARD CURRENT (mA)
10
100
1000
0
60
100
1.20
TYPICAL CHARACTERISTICS
25
°C
100
°C
Pulse Only
Pulse or DC
TA = – 40°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com