Electronic Components Datasheet Search
  English  ▼

X  

MOC2R60 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MOC2R60
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R60 Datasheet(HTML) 5 Page - Motorola, Inc

  MOC2R60 Datasheet HTML 1Page - Motorola, Inc MOC2R60 Datasheet HTML 2Page - Motorola, Inc MOC2R60 Datasheet HTML 3Page - Motorola, Inc MOC2R60 Datasheet HTML 4Page - Motorola, Inc MOC2R60 Datasheet HTML 5Page - Motorola, Inc MOC2R60 Datasheet HTML 6Page - Motorola, Inc MOC2R60 Datasheet HTML 7Page - Motorola, Inc MOC2R60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOC2R60-10 MOC2R60-15
5
Motorola Optoelectronics Device Data
Figure 13. Delay Time, t(d), and Fall Time, t(f),
versus LED Trigger Current
IFT, LED TRIGGER CURRENT (mA)
100
0.1
10
20
30
40
50
60
10
1
t(d)
t(f)
t(delay), t(f) versus IFT
The POWER OPTO Isolators turn on switching speed con-
sists of a turn on delay time t(d) and a fall time t(f). Figure 13
shows that the delay time depends on the LED trigger cur-
rent, while the actual trigger transition time t(f) stays constant
with about one micro second.
The delay time is important in very short pulsed operation
because it demands a higher trigger current at very short trig-
ger pulses. This dependency is shown in the graph IFT ver-
sus LED PW.
The turn on transition time t(f) combined with the power
triacs turn on time is important to the power dissipation of this
device.
SCOPE
IFT
VTM
t(d)
t(f)
ZERO CROSS
DETECTOR
EXT. SYNC
Vout
FUNCTION
GENERATOR
PHASE CTRL.
PW CTRL.
PERIOD CTRL.
Vo AMPL. CTRL.
IFT
VTM
10 k
Ω
DU
T
100
Ω
ISOL. TRANSF.
A
C
115
VAC
Figure 14. Switching Time Test Circuit
Figure 15. Typical Application Circuit
VCC
Load
MOV
R2
C1
R1
MOC2R60
Select the value of R1 according to the following formulas:
(1)
R1 = (VCC – VF) / Max. IFT (on) per spec.
(2)
R1 = (VCC – VF) / 0.050
Typical values for C1 and R2 are 0.01
µF and 39 Ω,
respectively. You may adjust these values for specific
applications. The maximum recommended value of C1 is
0.022
µF. See application note AN1048 for additional
information on component values.
The MOV may or may not be needed depending upon the
characteristics of the applied AC line voltage. For
applications where line spikes may exceed the 600 volts
rating of the MOC2R60, an MOV is required.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com