Electronic Components Datasheet Search
  English  ▼

X  

C02-07 Datasheet(PDF) 91 Page - Cooper Bussmann, Inc.

Part # C02-07
Description  Make Wire Connections Simple and Fast
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C02-07 Datasheet(HTML) 91 Page - Cooper Bussmann, Inc.

Back Button C02-07 Datasheet HTML 87Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 88Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 89Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 90Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 91Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 92Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 93Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 94Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 95Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
87
For additional product information, visit www.cooperbussmann.com/magnum
To convert to inches, divide by 25.4
Position
02
03
04
05
06
07
08
09
10
11
12
L (mm)
7.90
11.71
15.52
19.33
23.14
26.95
30.76
34.57
38.38
42.19
46.00
Part Numbering System
Series
# of Positions
I
II
II
II
II
II
I I
II
I
02 to 12
E M 3553
15.6+
_0.3
(0.614")
6.6+
_0.3
(0.260")
2.15+
_0.3
(0.084")
3.5+
_0.1
(0.138")
L+
_0.5
EM3553 Series
Euro-Mag Terminal Blocks
(Mates with EM3593 Series);
3.81 Centers
SPECIFICATIONS
Rating: 8A, 300V
Center Spacing: 0.15” (3.81mm)
Consult factory for 0.30” (7.62mm)
Wire Range: #18-20 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Screw Size: M2x3 Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 3.0 lb-in.
Construction: Mold-to-Length
Agency Information:
File E62622; CE Certified
EM355308
Mating Header: EM3593 pg. 90
Dimensions - mm (in)
EuroMag Series PCB Mount Pluggable Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com