Electronic Components Datasheet Search
  English  ▼

X  

C02-07 Datasheet(PDF) 21 Page - Cooper Bussmann, Inc.

Part # C02-07
Description  Make Wire Connections Simple and Fast
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C02-07 Datasheet(HTML) 21 Page - Cooper Bussmann, Inc.

Back Button C02-07 Datasheet HTML 17Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 18Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 19Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 20Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 21Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 22Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 23Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 24Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 25Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
17
For additional product information, visit www.cooperbussmann.com/magnum
Hardware Options (Bulk ordering part numbers are in parentheses.)
Inches (Millimeters)
Solder Lugs
Jumpers
Quick Connects
Blade Width A = 0.250”. Blade Width B = 0.187”.
S1
(2S1-J)
†OJ7
(OJ7-J)
†OJ3
(OJ3-J)
A9 & B9
(2A9-J & 2B9-J)
A7 & B7
(2A7-J & 2B7-J)
A8 & B8
(2A8-J & 2B8-J)
Right Angle Mounting Bracket
Mounts blocks on PC boards at a right angle.
• Protects solder joints.
• Recommended for all EB (Exit Back) PCB terminal blocks.
• Bracket snaps securely on block (no hardware required).
• Minimum strip length (end positions are usable).
• Mount with #6-32 or #8-32 screws (not supplied).
Mounting Options
Inches (Millimeters)
End Positions
usable
Angle
Bracket
Option AB
Exit Back (EB)
Terminals
Series CB3000
Single Row Terminal Blocks
Continued
MOUNTING
PLATE
MP
MP8
MT
MT8
Options MP, MP8, MT & MT8
MP Metal inserts with 0.150” dia. hole accept #6 screw.
MP8 Metal inserts with 0.187” dia. hole accept #8-32 screw.
MT Metal inserts with tapped hole accept #6-32 screw.
MT8 Metal inserts with tapped hole accept #8-32 screw.
Mounting Plates
†J201
Flat slip-on
(J201-J)
0.68 (17.3)
0.84 (21.2)
Snap-in Angle Bracket
Chassis
or PCB
A
A
#6 or #8
mounting
screw & nut
(Customer
supplied.)
0.71
(18.0)
0.45
(11.4)
0.79
(20.1)
1.02
(25.8)
0.24
(6.1)
0.42
(10.7)
†Contact factory for pole configuration.
Terminal Blocks - Single Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com