Electronic Components Datasheet Search
  English  ▼

X  

C02-07 Datasheet(PDF) 39 Page - Cooper Bussmann, Inc.

Part # C02-07
Description  Make Wire Connections Simple and Fast
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C02-07 Datasheet(HTML) 39 Page - Cooper Bussmann, Inc.

Back Button C02-07 Datasheet HTML 35Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 36Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 37Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 38Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 39Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 40Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 41Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 42Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 43Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
35
For additional product information, visit www.cooperbussmann.com/magnum
Terminal Blocks - Flat Base
Series TS - Flat Base
Terminal Blocks; 8.00, 10.00mm Centers
SPECIFICATIONS
Rating: TS08 – 20A, 600V
TS10 – 30A, 600V
Wire Range: See Table
Housing Material: Polyamide Type 6/6, 94V2 (white)
Contact Material: Nickel-Plated Brass
Wire Protector: Stainless Steel
Screw Size: See Table
Operating Temperature: 105°C (221°F) max., -30°C (-22°F) min.
Torque Rating: See Table
Construction: Mold-to-Length
Agency Information: UL File E62622; CE Certified
B
D
FF
D
D
E
C
WIRE PROTECTOR
A
Part Numbering System
Spacing
Base
Positions
I
II
II
II
I
-
I
II
I
I
II
I
08
03 - flat
02 to 12
10
04 - flat w/
wire protector
TS
Position
TS0803
TS0804
TS1003
TS1004
Torque
lb-in
3.5
3.5
4.4
4.4
Wire Range
AWG (Cu)
22-12
Sol./Str.
22-12
Sol./Str
22-10 Sol.
14-10 Str.
22-12 Sol./Str.
10 Sol.
Screw
M2.6x5
M2.6x5
M3.0x6
M3.0x6
Clamping
Area
4.0mm2
1.5mm2
6.0mm2
2.5mm2
B
16.30
(0.64)
16.30
(0.64)
20.20
(0.80)
20.20
(0.80)
C
13.30
(0.53)
13.30
(0.52)
15.80
(0.62)
15.80
(0.62)
D
8.00
(0.32)
8.00
(0.32)
10.00
(0.39)
10.00
(0.39)
E
2.90
(0.11)
2.90
(0.11)
3.60
(0.14)
3.60
(0.14)
Dimensions mm (in)
F
2.8±0.1
(0.11)
2.8±0.1
(0.11)
3.2±0.1
(0.13)
3.2±0.1
(0.13)
15.80
23.80
31.80
39.80
47.80
55.80
63.80
71.80
79.80
87.80
95.80
mm
in
mm
in
# of
Poles
2
3
4
5
6
7
8
9
10
11
12
0.622
0.937
1.252
1.567
1.882
2.232
2.512
2.827
3.142
3.457
3.772
17.50
27.50
37.50
47.50
57.50
67.50
77.50
87.50
97.50
107.50
117.50
0.689
1.083
1.476
1.870
2.264
2.657
3.051
3.445
3.839
4.232
4.626
TS08
TS10
A Dimensions
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com