Electronic Components Datasheet Search
  English  ▼

X  

C02-07 Datasheet(PDF) 45 Page - Cooper Bussmann, Inc.

Part # C02-07
Description  Make Wire Connections Simple and Fast
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C02-07 Datasheet(HTML) 45 Page - Cooper Bussmann, Inc.

Back Button C02-07 Datasheet HTML 41Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 42Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 43Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 44Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 45Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 46Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 47Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 48Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 49Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
41
For additional product information, visit www.cooperbussmann.com/magnum
PCB Hole Layout
EM3665 Series
Euro-Mag Terminal Blocks
5.00 Centers; Modular
SPECIFICATIONS
Rating: 10A, 300V
Center Spacing: 0.197” (5.00mm)
Wire Range: #16-22 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Tin-Plated Brass
Screw Size: M2.5x5 Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 2.5 lb-in.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Modular design features dovetails for
interlocking to achieve longer lengths
Connector Style: Spring Clamp
Agency Information:
File E62622; CE Certified
Part Numbering System
Series
# of Poles
I
I
II
II
II
II
II
I I
II
I
02 to 24
E M 36 65
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
115.0
120.0
To convert to inches, divide by 25.4
EM366512
Dimensions - mm (in)
EuroMag Series PCB Mount Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com