Electronic Components Datasheet Search
  English  ▼

X  

C02-07 Datasheet(PDF) 11 Page - Cooper Bussmann, Inc.

Part # C02-07
Description  Make Wire Connections Simple and Fast
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C02-07 Datasheet(HTML) 11 Page - Cooper Bussmann, Inc.

Back Button C02-07 Datasheet HTML 7Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 8Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 9Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 10Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 11Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 12Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 13Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 14Page - Cooper Bussmann, Inc. C02-07 Datasheet HTML 15Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
7
For additional product information, visit www.cooperbussmann.com/magnum
Series A2000 & LP2000
Single Row Terminal Blocks
Part Numbering System
Series
Terminal Style
Base/End
Poles
Screw Options
Options
I
II
I
I
II
II
I
I
II
I
I
I
I
II
I
I
II
II
II
I
I
II
II
I
A2 - standard barrier 01 - handwired
0 - flat base/molded
02 to 32
Blank - std. screw
AB - angle mnt. options (pg 9)
LP2 - low profile
02 - printed circuit
mount end
02 to 30 on mount
00 - screws shipped bulk
A1 to A9 - 0.250˝ QC
barrier
03 - non feed-thru
1 - flat base/mnt. end
end base
03 - stainless steel
B1 to B9 - 0.187˝ QC
04 - wire wrap tail
2 - flat base/barrier end
04 - brass nickel-plated
DR - drilled right angle (pg 9)
05 - extended handwired 3 - insulator base/mnt. end
07 - steel SEMS
†JA, JB & JC - barrier jumpers
06 - handwired
4 - insulator base/
(not available
L1 to L6 marking options (pg 22)
07 - extended pin
barrier end
with hardware options)
MP, MP8 & MT mounting plates (pg 9)
08 - printed circuit
5 - closed base/
09 - brass SEMS
†OJ2 & OJ4 - over barrier jumpers (not
09 - 0.250˝ QC short
mount end
nickel-plated
available w/covers)
10 - 0.187˝ QC
6 - closed base/
(not available with
RC - retaining clips (pg 9)
14 - printed circuit
molded mount end
hardware options)
R30 to R77 - right angle bends (pg 9)
19 - 0.250˝ QC long
9 - insulator base/
CA - captive screw
SO - stand off insulators (pg 9)
molded mount end
WR - wire ready
S1 - solder lug/flat
(not available on LP2
series)
Covers - (pg 23)
0.20
(5.1)
0.062
(1.57)
0.031
(0.79)
0.55
(14.0)
0.062
(1.57)
0.031
(0.79)
01
Handwired
04
Wire Wrap Tail
03
Non Feed-Thru
02
Printed Circuit
0.54
(13.7)
0.055
(1.40)
0.032
(0.81)
0.14
(3.6)
07
Extended Pin
0.11
(2.79)
0.031
(0.79)
0.30
(7.6)
06
Handwired
Terminal Styles
Inches (Millimeters)
0.062
(1.57)
0.17
(4.3)
0.031
(0.79)
0.42
(10.7)
0.187
(4.75)
0.031
(0.79)
0.40
(10.2)
0.250
(6.35)
0.031
(0.79)
08
Printed Circuit
10
0.187˝ QC
09
0.250˝ QC short
0.72
(18.3)
0.31
(7.9)
0.41
(10.4)
0.33
(8.4)
0.250
(6.35)
0.031
(0.79)
19
30.250˝ QC long
0.062
(1.57)
0.031
(0.79)
0.125
(3.2)
14
Printed Circuit
A 2
L P 2
Base/End Note: 0, 6,
9 styles not available
with covers. 5 & 6
Styles only available
with 03 terminals.
0.66
(16.8)
0.110
(2.79)
0.031
(0.79)
05
Extended Handwired
0.55
(14.0)
0.110
(2.79)
0.031
(.79)
†Contact factory for configuration...
Terminal Blocks - Single Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com