Electronic Components Datasheet Search
  English  ▼

X  

TPS51117RGYRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS51117RGYRG4
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117RGYRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS51117RGYRG4 Datasheet HTML 1Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 2Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 3Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 4Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 5Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 6Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 7Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 8Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS51117
SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL BST DIODE
VFBST
Forward voltage
VV5DRV-VBST, IF = 10 mA, TA = 25°C
0.7
0.8
0.9
V
IVBSTLK
VBST leakage current
VBST = 34 V, LL = 28 V
0.1
1
μA
UVLO/LOGIC THRESHOLD
Wake up
3.7
3.9
4.1
V
VUVLO
V5FILT UVLO Threshold
Hysteresis
200
300
400
mV
EN_PSV low
0.7
1.0
1.3
V
Hysteresis
150
200
250
mV
EN_PSV logic input
VEN_PSV
EN_PSV float (set PWM_only mode)
1.7
1.95
2.25
V
voltage
EN_PSV high (set Auto_skip mode)
2.4
2.65
2.9
V
Hysteresis
100
175
250
mV
IEN_PSV
EN_PSV source current
EN_PSV = GND, absolute value(1)
1
μA
POWERGOOD COMPARATOR
PG in from lower (PGOOD goes high)
92.5%
95%
97.5%
PG low hysteresis (PGOOD goes low)
–4%
–5.5%
–7%
VTHPG
PG threshold
PG in from higher (PGOOD goes high)
102%
105%
107%
PG high hysteresis (PGOOD goes low)
4%
5.5%
7%
IPGMAX
PG sink current
PGOOD = 0.5 V
2.5
7.5
mA
TPGDEL
PG delay
Delay for PGOOD in
45
63
85
μs
CURRENT SENSE
ITRIP
TRIP source current
VTRIP < 0.3 V, TA = 25°C
9
10
11
μA
ITRIP temperature
TCITRIP
On the basis of 25°C
4500
ppm/°C
coefffecient
Current limit threshold
VRtrip
VTRIP-GND voltage
(1), all temperatures
30
200
mV
range setting range
Overcurrent limit
VOCLoff
(VTRIP-GND-VPGND-LL) voltage VTRIP-GND = 60 mV
–10
0
10
mV
comparator offset
Negative overcurrent limit
(VTRIP-GND-VLL-PGND) voltage VTRIP-GND = 60 mV,
VUCLoff
–9.5
0.5
10.5
mV
comparator offset
EN_PSV = float
Zero crossing comparator
VZCoff
VPGND-LL voltage, EN_PSV = 3.3 V
–9.5
0.5
10.5
mV
offset
UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
VFB OVP trip threshold
OVP detect
111%
115%
119%
VFB OVP propagation
TOVPDEL
See (1)
1.5
μs
delay
UVP detect
65%
70%
75%
VUVP
VFB UVP trip threshold
Hysteresis
10%
TUVPDEL
VFB UVP delay
22
32
42
μs
TUVPEN
UVP enable delay
After 1.7 × TSS, UVP protection engaged
1.4
2
2.6
ms
THERMAL SHUTDOWN
Shutdown temperature(1)
160
°C
Thermal shutdown
TSDN
threshold
Hysteresis(1)
12
°C
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com