Electronic Components Datasheet Search
  English  ▼

X  

TPS51117RGYRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS51117RGYRG4
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117RGYRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS51117RGYRG4 Datasheet HTML 16Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 17Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 18Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 19Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 20Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 21Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 22Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 23Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
1
2
3
14
13
12
VBST
DRVH
LL
EN_PSV
TON
VOUT
TPS51117PW
4
5
6
7
11
10
9
8
TRIP
V5DRV
DRVL
PGND
V5FILT
VFB
PGOOD
GND
+
VO
1.05V/10A
Q2
L1
1.0 H
m
Q1
-
PGND
C2
2 0 F
m
C1A
C1B
R6
100kW
PGOOD
+5V
EN_PSV
R4
R1
8.5kW
R2
22k W
R3
249k W
R5
300W
+VBAT
C3
1 F
m
GND
+
+
C4
0.1 F
m
GND
TPS51117RGY
+
VO
1.05V/10A
Q2
L1
1.0 H
m
Q1
-
PGND
C2
20 F
m
C1A
GND
C4
0.1 F
m
C1B
R6
100kW
PGOOD
+5V
EN_PSV
R4
R1
8.5kW
R2
22kW
R3
249kW
R5
300W
+VBAT
C3
1 F
m
GND
+
+
1
2
3
14
13
12
VBST
DRVH
LL
EN_PSV
TON
VOUT
4
5
6
7
11
10
9
8
TRIP
V5DRV
DRVL
PGND
V5FILT
VFB
PGOOD
GND
TPS51117
SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
Figure 24. 1.05-V/10-A Application From VBAT (PW Package)
Figure 25. 1.05-V/10-A Application From VBAT (RGY Package)
Table 1. Typical Application Circuit Components
SYMBOL
SPECIFICATION
MANUFACTURER
PART NUMBER
C1A, C1B
470
μF, 2.5 V, 12 mΩ
SANYO
2R5TPE470MC
C2
10
μF, 25 V, 2 pcs
Murata
GRM31CR61E106KA12B
L1
1.0
μH
Vishay, Toko
IHLP-5050, FDA1254-1R0M
Q1
30V, 13 m
Ω
International Rectifier
IRF7821
Q2
30 V, 5.8 m
Ω
International Rectifier
IRF8113
R4
8.06 k
Ω
—
Std
20
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com