Electronic Components Datasheet Search
  English  ▼

X  

TPS51117RGYRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS51117RGYRG4
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117RGYRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS51117RGYRG4 Datasheet HTML 9Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 10Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 11Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 12Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 13Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 14Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 15Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 16Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
0
50
100
150
200
250
300
350
400
450
500
5
9
13
17
21
25
V
=2.5V
O
V
=1.05V
O
I
=2 A,
PWMMode
O
V -InputVoltage-V
I
0
100
200
300
400
500
600
700
800
100
200
300
400
500
600
700
V
=1.05V
O
V
=2.5V
O
V =15V,
PWMMode
I
R
-TONResistance-k
TON
W
0
50
100
150
200
250
300
350
400
450
0.001
0.010
0.1
1
10
PWMOnly
AutoSkip
I
-OutputCurrent- A
O
0
50
100
150
200
250
300
350
400
450
0.001
0.010
0.100
1.000
10.000
PWMOnly
AutoSkip
I
-OutputCurrent- A
O
TPS51117
www.ti.com...................................................................................................................................... SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
MEASURED SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
TON RESISTANCE
INPUT VOLTAGE
Figure 7.
Figure 8.
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
OUTPUT CURRENT (1.05 V)
OUTPUT CURRENT (2.5 V)
Figure 9.
Figure 10.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS51117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com