Electronic Components Datasheet Search
  English  ▼

X  

TPS51117RGYRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS51117RGYRG4
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117RGYRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51117RGYRG4 Datasheet HTML 7Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 8Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 9Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 10Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 11Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 12Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 13Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 14Page - Texas Instruments TPS51117RGYRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TPS51117
www.ti.com...................................................................................................................................... SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009
DETAILED DESCRIPTION (continued)
UVLO PROTECTION
The TPS51117 has V5FILT undervoltage lockout protection (UVLO). When the V5FILT voltage is lower than the
UVLO threshold voltage, the TPS51117 is shut off. This is a nonlatched protection.
THERMAL SHUTDOWN
The TPS51117 monitors the temperature of itself. If the temperature exceeds the threshold value (typically
160°C), the TPS51117 shuts itself off. Both top and bottom gate drivers are tied low with output discharged
through the VOUT terminal. This is also a nonlatched protection. The device recovers once the temperature has
decreased approximately 12°C.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS51117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com