Electronic Components Datasheet Search
  English  ▼

X  

SP3490 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3490
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490 Datasheet(HTML) 2 Page - Exar Corporation

  SP3490 Datasheet HTML 1Page - Exar Corporation SP3490 Datasheet HTML 2Page - Exar Corporation SP3490 Datasheet HTML 3Page - Exar Corporation SP3490 Datasheet HTML 4Page - Exar Corporation SP3490 Datasheet HTML 5Page - Exar Corporation SP3490 Datasheet HTML 6Page - Exar Corporation SP3490 Datasheet HTML 7Page - Exar Corporation SP3490 Datasheet HTML 8Page - Exar Corporation SP3490 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC.....................................................................+6.0V
Input Voltages
Logic....................................-0.3V to +6.0V
Drivers.................................-0.3V to +6.0V
Receivers.........................................+/-4V
Output Voltages
Drivers.............................................+/-4V
Receivers............................-0.3V to +6.0V
Storage Temperature.......................-65˚C to +150˚C
Power Dissipation
8-pin NSOIC...................................................600mW
(derate 6.90mW/ºC above +70ºC)
4-pin NSOIC.................................................700mW
(derate 8.33mW/ºC above +70ºC)
ELECTRICAL CHARACTERISTICS
T
AMB = TMIN to TMAX and VCC = +3.3V +/-5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP3490 DRIVER
DC Characteristics
Differential Output Voltage
GND
Vcc
Volts
Unloaded; R = ∞Ω ; Figure 1
Differential Output Voltage
2
Vcc
Volts
With Load; R = 50Ω (RS-422);
Figure 
Differential Output Voltage
.5
Vcc
Volts
With Load; R = 27Ω (RS-485);
Figure 
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary states
0.2
Volts
R = 27Ω or R = 50Ω; Figure 1
Driver Common Mode Output
Voltage
3
Volts
R = 27Ω or R = 50Ω; Figure 1
Input High Voltage
2.0
Volts
Input Low Voltage
0.8
Volts
Input Current
+/-0
µA
Driver Short Circuit Current
V
OUT = HIGH
+/-250
mA
-7V ≤ V
O ≤ +12V; Figure 8
V
OUT = LOW
+/-250
mA
-7V ≤ V
O ≤ +12V; Figure 8
SP3490 DRIVER
AC Characteristics
Max. Transmission Rate
0
Mbps
Driver Input to Output, t
PLH
20
40
60
ns
R = 27Ω, Figures 2 & 9
Driver Input to Output, t
PHL
20
40
60
ns
R = 27Ω, Figures 2 & 9
Differential Driver Skew
2
ns
|t
PHL(Y)- tPLH(Y)|, |tPHL(Z)- tPLH(Z)|,
Figures 2 and 9
Driver Rise or Fall Time
5
20
ns
From 0%-90%; Figures 3 and 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com