Electronic Components Datasheet Search
  English  ▼

X  

SP3490 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3490
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490 Datasheet(HTML) 3 Page - Exar Corporation

  SP3490 Datasheet HTML 1Page - Exar Corporation SP3490 Datasheet HTML 2Page - Exar Corporation SP3490 Datasheet HTML 3Page - Exar Corporation SP3490 Datasheet HTML 4Page - Exar Corporation SP3490 Datasheet HTML 5Page - Exar Corporation SP3490 Datasheet HTML 6Page - Exar Corporation SP3490 Datasheet HTML 7Page - Exar Corporation SP3490 Datasheet HTML 8Page - Exar Corporation SP3490 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP3490 RECEIVER
DC Characteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V ≤ V
CM ≤ +12V
Input Hysteresis
25
mV
V
CM = 0V
Output Voltage HIGH
Vcc-0.4
Volts
I
O = -.5mA, VID = +200mV
Output Voltage LOW
0.4
Volts
I
O = +2.5mA, VID = -200mV
Input Resistance
2
5
kΩ
-7V ≤ V
CM ≤ +12V
Input Current (A, B); V
IN = 2V
+.0
mA
V
IN = 2V
Input Current (A, B); V
IN = -7V
-0.8
mA
V
IN = -7V
Short Circuit Current
60
mA
0V ≤ V
O ≤ VCC
SP3490 RECEIVER
AC Characteristics
Max. Transmission Rate
0
Mbps
Receiver Input to Output, t
PLH
40
70
20
ns
Figures 6 and 2
Receiver Input to Output, t
PLH
85
ns
T
AMB = +25°C, Vcc = 3.3V Figures
6 and 2
Receiver Input to Output, t
PHL
40
70
20
ns
Figures 6 and 2
Receiver Input to Output, t
PHL
85
ns
T
AMB = +25°C, Vcc = 3.3V Figures
6 and 2
Differential Receiver Skew
4
ns
|t
PHL(A)- tPLH(A)|, |tPHL(B)- tPLH(B)|,
Figures 6 and 2
POWER REQUIREMENTS
Supply Voltage
3.0
3.3
3.6
V
Supply Current
000
2000
µA
D = 0V or V
CC
ESD Protection for D, R, A, B,
Y and Z pins
+/-2
kV
Human Body Model
ELECTRICAL CHARACTERISTICS
T
AMB = TMIN to TMAX and VCC = +3.3V +/-5% unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com