Electronic Components Datasheet Search
  English  ▼

X  

SP3490 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3490
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490 Datasheet(HTML) 4 Page - Exar Corporation

  SP3490 Datasheet HTML 1Page - Exar Corporation SP3490 Datasheet HTML 2Page - Exar Corporation SP3490 Datasheet HTML 3Page - Exar Corporation SP3490 Datasheet HTML 4Page - Exar Corporation SP3490 Datasheet HTML 5Page - Exar Corporation SP3490 Datasheet HTML 6Page - Exar Corporation SP3490 Datasheet HTML 7Page - Exar Corporation SP3490 Datasheet HTML 8Page - Exar Corporation SP3490 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
ELECTRICAL CHARACTERISTICS
T
AMB = TMIN to TMAX and VCC = +3.3V +/-5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP3491 DRIVER
DC Characteristics
Differential Output Voltage
GND
Vcc
Volts
Unloaded; R = ∞Ω ; Figure 1
Differential Output Voltage
2
Vcc
Volts
With Load; R = 50Ω (RS-422);
Figure 
Differential Output Voltage
.5
Vcc
Volts
With Load; R = 27Ω (RS-485);
Figure 
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary states
0.2
Volts
R = 27Ω or R = 50Ω; Figure 1
Driver Common Mode Output
Voltage
3
Volts
R = 27Ω or R = 50Ω; Figure 1
Input High Voltage
2.0
Volts
Applies to DE, D, REB
Input Low Voltage
0.8
Volts
Applies to DE, D, REB
Input Current
+/-0
µA
Applies to DE, D, REB
Driver Short Circuit Current
V
OUT = HIGH
+/-250
mA
-7V ≤ V
O ≤ +12V; Figure 8
V
OUT = LOW
+/-250
mA
-7V ≤ V
O ≤ +12V; Figure 8
SP3491 DRIVER
AC Characteristics
Max. Transmission Rate
0
Mbps
Driver Input to Output, t
PLH
20
40
60
ns
Figures 2 & 9
Driver Input to Output, t
PHL
20
40
60
ns
Figures 2 & 9
Differential Driver Skew
2
ns
|t
PHL(Y)- tPLH(Y)|, |tPHL(Z)- tPLH(Z)|,
Figures 2 and 9
Driver Rise or Fall Time
5
20
ns
From 0%-90%; Figures 3 and 0
Driver Enable to Output HIGH
52
20
ns
Figures 4 and 
Driver Enable to Output LOW
60
20
ns
Figures 5 and 
Driver Disable from LOW
40
20
ns
Figures 5 and 
Driver Disable from HIGH
60
20
ns
Figures 4 and 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com