Electronic Components Datasheet Search
  English  ▼

X  

SP3490 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP3490
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP3490 Datasheet HTML 4Page - Exar Corporation SP3490 Datasheet HTML 5Page - Exar Corporation SP3490 Datasheet HTML 6Page - Exar Corporation SP3490 Datasheet HTML 7Page - Exar Corporation SP3490 Datasheet HTML 8Page - Exar Corporation SP3490 Datasheet HTML 9Page - Exar Corporation SP3490 Datasheet HTML 10Page - Exar Corporation SP3490 Datasheet HTML 11Page - Exar Corporation SP3490 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
Figure 9. Driver Propagation Delay Waveforms
0V
VOH
tPLH
tPHL
VOM
tPHL
tPLH
3V
VOL
VOH
1.5V
1.5V
INPUT
Y OUTPUT
VOM
Z OUTPUT
VOL
VOM
VOM
VOM = VOH + VOL
2
≈ 1.5V
SWITCHING WAVEFORMS
Figure 3. Receiver Enable and Disable Waveforms
IN
1.5V
tDO1
1.5V
tDO2
3V
0V
OUT
50%
50%
10%
10%
90%
90%
tTD
tTD
2.0V
-2.0V
Figure 0. Driver Differential Output Delay and
Transition Time Waveforms
0V
VOH
tPZH
0.25V
tPHZ
VOM
tPZL
tPLZ
3V
VOL
VCC
1.5V
1.5V
DE
OUTPUT
HIGH
VOM
0.25V
0V
OUTPUT
LOW
VOM = VOH + VOL
2
≈ 1.5V
3V
0V
VCC
tRPLH
1.5V
tRPHL
VOM
VOM
0V
1.5V
INPUT
OUTPUT
VOM = VCC
2
Figure 2. Receiver Propagation Delay Waveforms
Figure . Driver Enable and Disable Timing
Waveforms
3V
0V
tPRHZ
1.5V
tPRZH
tPRSH
1.5V
1.5V
10%
0V
VOH
REB
OUTPUT
S1 is open
S2 is closed
S3 = 1.5V
3V
0V
tPRLZ
1.5V
tPRZL
tPRSL
1.5V
1.5V
10%
VCC
REB
OUTPUT
S1 is closed
S2 is open
S3 = -1.5V
VOL
NOTE : The input pulse is supplied by a generator with the following characteristics:
PRR = 250kHz, 50% duty cycle, t
R < 6.0ns, ZO = 50Ω.
NOTE 2: C
L includes probe and stray capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com