Electronic Components Datasheet Search
  English  ▼

X  

SP3490 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3490
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490 Datasheet(HTML) 1 Page - Exar Corporation

  SP3490 Datasheet HTML 1Page - Exar Corporation SP3490 Datasheet HTML 2Page - Exar Corporation SP3490 Datasheet HTML 3Page - Exar Corporation SP3490 Datasheet HTML 4Page - Exar Corporation SP3490 Datasheet HTML 5Page - Exar Corporation SP3490 Datasheet HTML 6Page - Exar Corporation SP3490 Datasheet HTML 7Page - Exar Corporation SP3490 Datasheet HTML 8Page - Exar Corporation SP3490 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270
DESCRIPTION
• Full-Duplex RS-485 and RS-422 Transceivers
• Operates from a single +3.3V Supply
• Interoperable with +5.0V logic
• Driver/Receiver Tri-state Enable Lines (
SP3491)
• -7V to +2V Common-Mode Input Voltage Range
• +/-200mV Receiver Input Sensitivity
• Allows up to 32 transceivers on the serial bus
• Compatability with LTC490 and SN7579 (
SP3490)
• Compatability with LTC49 and SN7580 (
SP3491)
SP3490/SP3491
+3.3V Low Power Full-Duplex RS-485
Transceivers with 10Mbps Data Rate
VCC
D
R
A
B
Z
Y
R
GND
2
1
3
4
5
6
7
8
D
The
SP3490 and SP3491 devices are +3.3V low power full-duplex transceivers that meet
the specifications of the RS-485 and RS-422 serial protocols. These devices are pin-to-pin
compatible with the
Exar SP490 and SP49 devices as well as popular industry standards.
The
SP3490 and SP3491 feature Exar's BiCMOS process, allowing low power operation
without sacrificing performance. The
SP3490 and SP3491 meet the electrical specifications
of the RS-485 and RS-422 serial protocols up to 0Mbps under load. The
SP3491 is identical
to the
SP3490 with the addition of driver and reciveiver tri-state enable lines.
SP3490
VCC
D
R
NC
A
B
Z
Y
R
NC
NC
DE
REB
GND
GND
2
1
3
4
5
6
7
8
9
10
11
12
13
14
D
SP3491


Similar Part No. - SP3490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490CN SIPEX-SP3490CN Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490CN SIPEX-SP3490CN Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490CP SIPEX-SP3490CP Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
More results

Similar Description - SP3490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Analog Devices
ADM488 AD-ADM488 Datasheet
212Kb / 12P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV.0
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Analog Devices
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Analog Devices
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com