Electronic Components Datasheet Search
  English  ▼

X  

PAM8404 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8404 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Block Diagram
2
Bandgap
+
-
PAM
Modulation
H-
Bridge
GND
OUTR-
OUTR+
C
S
To Battery
V
DD
Internal
Oscillator
Gain
Adjust
+
-
INR+
INR-
+
-
PAM
Modulation
H-
Bridge
OUTL-
OUTL+
Gain
Adjust
+
-
INL+
INL-
G0
G1
300kΩ
300kΩ
Short-Circuit
Protection
OTP
SDR
SDL
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com