Electronic Components Datasheet Search
  English  ▼

X  

PAM8404 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8404 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Operating Characteristics (T =25°C)
A
Frequency Response
V =5V,R =4 ,C =1 F
DD
L
IN
Ωμ
PSSR vs Frequency
Input ac-ground, V =5V 200mVpp,
R =4 , C =1 F, gain=16dB
DD
LIN
Ωμ
Crosstalk vs Frequency
V =5V, R =4 , Gain=23dB
DD
L
Ω
Noise Floor FFT
Inputs ac-ground, V =5V, C =1 F, R =4 ,
Gain=23dB
DD
IN
L
μΩ
THD+N vs Frequency
V =5V, R =8 , C =1 F,Gain=23dB
DD
L
IN
Ωμ
THD+N vs Frequency
V =5V, R =4 , C =1 F,Gain=23dB
DD
L
IN
Ωμ
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
0.01
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PO=1.3W
PO=1W
PO=0.5W
0
.01
30
0
.02
0
.05
0
.1
0
.2
0
.5
1
2
5
10
20
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PO=2W
PO=1W
PO=0.5W
+0
+25
+2.5
+5
+7.5
+10
+12.5
+15
+17.5
+20
+22.5
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
G0=1G1=1
G0=0 G1=1
G0=1G1=0
G0=0 G1=0
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20 k
50
100
200
500
1k
2k
5 k
10 k
Hz
L
R
-120
-65
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TT
Rto L
LtoR
-120
-50
-110
-100
-90
-80
-70
-60
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
L
R
QFN 4x4 20-Pin
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com