Electronic Components Datasheet Search
  English  ▼

X  

PAM8404 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8404 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for prolonged time periods may affect device reliability. All voltages are with respect to ground
.
Supply Voltage ...........................................6.0V
Input Voltage.............................-0.3V to V +0.3V
Storage Temperature.....................-65
to 150
Soldering Temperature....................
.
DD
Maximum Junction Temperature..................150°C
°C
°C
250°C,10 sec
Recommended Operating Conditions
Supply voltage Range........................
Operation Temperature Range.........-40
to 85
Junction Temperature Range.........-40
to 125
2.5V to 5.5V
°C
°C
°C
°C
Thermal Information
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Package
Maximum
Unit
WCSP2x2-16
64
Thermal Resistance (Junction to Ambient)
θ
JA
QFN4x4-20
31
°C/W
WCSP2x2-16
-
Thermal Resistance (Junction to Case)
θJC
QFN4x4-20
13
°C/W
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com