Electronic Components Datasheet Search
  English  ▼

X  

PAM8404 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8404 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions
3
Pin Configuration & Marking Information
,
Power Analog Microelectronics Inc
WCSP 2mmx2mm
Top View
INL+
PVDD
OUTL+
INL-
G1
SDR
INR-
G0
AGND
OUTL-
SDL
PGND
INR+
AVDD
OUTR+
OUTR-
B1
C1
D1
A1
A2
A3
A4
QFN 4mmx4mm
Top View
Name
Pin Number
Description
G1
1
B2
Gain select (MSB)
OUTL+
2
A3
Left channel positive differential output
PVDD
3,13
A2
Power supply (must be same voltage as AVDD)
PGND
4,12
C4
Power ground
OUTL-
5
A4
Left channel negative differential output
NC
6,10
-
No connect
SDL
7
B4
Left channel shutdown terminal (active low)
SDR
8
B3
Right channel shutdown terminal (active low)
AVDD
9
D2
Analog supply (must be same voltage as PVDD)
OUTR-
11
D4
Right channel negative differential output
OUTR+
14
D3
Right channel positive differential output
G0
15
C2
Gain select (LSB)
INR+
16
D1
Right channel positive input
INR-
17
C1
Right channel negative input
AGND
18
C3
Analog ground
INL-
19
B1
Left channel negative input
INL+
20
A1
Left channel positive input
www.poweranalog.com
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
17
18
19
20
G1
OUTL+
PVDD
PGND
OUTL-
OUTR-
PGND
PVDD
OUTR+
G0
P8404
XXXYW
FR
YW
(Marking)
FR: Product Code
of PAM8404
X:
Internal Code
Y:
Year
W: Week
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com