Electronic Components Datasheet Search
  English  ▼

X  

PAM8404 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8404 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Operating Characteristics (T =25°C)
A
Output Power vs Supply Voltage
C =1 F, R =8 , Gain=23dB, f=1kHz
IN
L
μΩ
Output Power vs Supply Voltage
C =1 F, R =4 , Gain=23dB, f=1kHz
IN
L
μΩ
Quiescent Current vs Supply Voltage
No Input, R =No Load
L
Frequency vs Supply Voltage
Input ac-ground
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
0
2
4
6
8
10
12
14
16
2
2.5
3
3.544.555.5
6
Pow er Supply Voltage(V)
280
284
288
292
296
300
22.533.544.5
5
5.5
6
Pow er Supply Voltage(V)
0
0.5
1
1.5
2
2.5
2
2.533.5
4
4.555.5
6
Pow er Supply Voltage(V)
1
%
10
%
0
0.5
1
1.5
2
2.5
3
3.5
4
22.5
33.5
44.5
55.5
6
Pow er Supply Voltage(V)
1
%
10
%
QFN 4x4 20-Pin
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com