Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 25 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 25 Page - TDK Electronics

Back Button C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Page 24
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
33 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C330K020BC
± 5%
C0402C0G1C330J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H330K030BA
C0603C0G1E330K030BA
± 5%
C0603C0G1H330J030BA
C0603C0G1E330J030BA
1005
0.50 ± 0.05
± 1%
C1005C0G1H330F050BA
± 2%
C1005C0G1H330G050BA
± 5%
C1005C0G1H330J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H330F080AA
± 2%
C1608C0G1H330G080AA
± 5%
C1608C0G1H330J080AA
39 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C390K020BC
± 5%
C0402C0G1C390J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H390K030BA
C0603C0G1E390K030BA
± 5%
C0603C0G1H390J030BA
C0603C0G1E390J030BA
1005
0.50 ± 0.05
± 5%
C1005C0G1H390J050BA
1608
0.80 ± 0.10
± 5%
C1608C0G1H390J080AA
47 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C470K020BC
± 5%
C0402C0G1C470J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H470K030BA
C0603C0G1E470K030BA
± 5%
C0603C0G1H470J030BA
C0603C0G1E470J030BA
1005
0.50 ± 0.05
± 1%
C1005C0G1H470F050BA
± 2%
C1005C0G1H470G050BA
± 5%
C1005C0G1H470J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H470F080AA
± 2%
C1608C0G1H470G080AA
± 5%
C1608C0G1H470J080AA
56 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C560K020BC
± 5%
C0402C0G1C560J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H560K030BA
C0603C0G1E560K030BA
± 5%
C0603C0G1H560J030BA
C0603C0G1E560J030BA
1005
0.50 ± 0.05
± 5%
C1005C0G1H560J050BA
1608
0.80 ± 0.10
± 5%
C1608C0G1H560J080AA
68 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C680K020BC
± 5%
C0402C0G1C680J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H680K030BA
C0603C0G1E680K030BA
± 5%
C0603C0G1H680J030BA
C0603C0G1E680J030BA
1005
0.50 ± 0.05
± 1%
C1005C0G1H680F050BA
± 2%
C1005C0G1H680G050BA
± 5%
C1005C0G1H680J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H680F080AA
± 2%
C1608C0G1H680G080AA
± 5%
C1608C0G1H680J080AA
82 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C820K020BC
± 5%
C0402C0G1C820J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H820K030BA
C0603C0G1E820K030BA
± 5%
C0603C0G1H820J030BA
C0603C0G1E820J030BA
1005
0.50 ± 0.05
± 5%
C1005C0G1H820J050BA
1608
0.80 ± 0.10
± 5%
C1608C0G1H820J080AA
100 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C101K020BC
± 5%
C0402C0G1C101J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H101K030BA
C0603C0G1E101K030BA
± 5%
C0603C0G1H101J030BA
C0603C0G1E101J030BA
1005
0.50 ± 0.05
± 1%
C1005C0G1H101F050BA
± 10%
C1005C0G1H101K050BA
± 2%
C1005C0G1H101G050BA
± 5%
C1005C0G1H101J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H101F080AA
± 10%
C1608C0G1H101K080AA
± 2%
C1608C0G1H101G080AA
± 5%
C1608C0G1H101J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com