Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 40 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 40 Page - TDK Electronics

Back Button C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
22 F
1608
0.80 ± 0.20
± 20%
C1608JB1A226M080AC
C1608JB0J226M080AC
C1608JB0G226M080AA
2012
0.85 ± 0.15
± 20%
C2012JB1A226M085AC
C2012JB0J226M085AB
1.25 ± 0.20
± 20%
C2012JB1A226M125AB
C2012JB0J226M125AC
3216
1.60 ± 0.20
± 20%
C3216JB1A226M160AC
3225
2.50 ± 0.30
± 20%
C3225JB1A226M250AA
33 F
2012
1.25 ± 0.20
± 20%
C2012JB1A336M125AC
C2012JB0J336M125AC
3216
1.30 ± 0.10
± 20%
C3216JB0J336M130AC
1.60 ± 0.20
± 20%
C3216JB1A336M160AB
47 F
2012
1.25 ± 0.20
± 20%
C2012JB1A476M125AC
C2012JB0J476M125AC
3216
1.60 ± 0.20
± 20%
C3216JB1A476M160AB
C3216JB0J476M160AC
68 F
3216
1.60 ± 0.20
± 20%
C3216JB1A686M160AC
C3216JB0J686M160AB
3225
2.00 ± 0.20
± 20%
C3225JB0J686M200AC
100 F
3216
1.60 +0.30/-0.10
± 20%
C3216JB0J107M160AB
1.60 ± 0.20
± 20%
C3216JB1A107M160AC
3225
2.50 ± 0.30
± 20%
C3225JB0J107M250AC
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
100 pF
0402
0.20 ± 0.02
± 10%
C0402X5R1C101K020BC
± 20%
C0402X5R1C101M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1E101K030BA
± 20%
C0603X5R1E101M030BA
150 pF
0402
0.20 ± 0.02
± 10%
C0402X5R1C151K020BC
± 20%
C0402X5R1C151M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1E151K030BA
± 20%
C0603X5R1E151M030BA
220 pF
0402
0.20 ± 0.02
± 10%
C0402X5R1C221K020BC
± 20%
C0402X5R1C221M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1E221K030BA
± 20%
C0603X5R1E221M030BA
1005
0.50 ± 0.05
± 10%
C1005X5R1H221K050BA
± 20%
C1005X5R1H221M050BA
330 pF
0402
0.20 ± 0.02
± 10%
C0402X5R1C331K020BC
± 20%
C0402X5R1C331M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1E331K030BA
± 20%
C0603X5R1E331M030BA
1005
0.50 ± 0.05
± 10%
C1005X5R1H331K050BA
± 20%
C1005X5R1H331M050BA
470 pF
0402
0.20 ± 0.02
± 10%
C0402X5R1C471K020BC
± 20%
C0402X5R1C471M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1E471K030BA
± 20%
C0603X5R1E471M030BA
1005
0.50 ± 0.05
± 10%
C1005X5R1H471K050BA
± 20%
C1005X5R1H471M050BA
680 pF
0402
0.20 ± 0.02
± 10%
C0402X5R1C681K020BC
± 20%
C0402X5R1C681M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1E681K030BA
± 20%
C0603X5R1E681M030BA
1005
0.50 ± 0.05
± 10%
C1005X5R1H681K050BA
± 20%
C1005X5R1H681M050BA
1 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1E102K030BA
± 20%
C0603X5R1E102M030BA
1005
0.50 ± 0.05
± 10%
C1005X5R1H102K050BA
± 20%
C1005X5R1H102M050BA
1.5 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1E152K030BA
± 20%
C0603X5R1E152M030BA
1005
0.50 ± 0.05
± 10%
C1005X5R1H152K050BA
± 20%
C1005X5R1H152M050BA
Page 39
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com