Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 55 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 55 Page - TDK Electronics

Back Button C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
330 nF
1005
0.50 ± 0.05
± 10%
C1005X7S1A334K050BC
C1005X7S0J334K050BC
± 20%
C1005X7S1A334M050BC
C1005X7S0J334M050BC
470 nF
1005
0.50 ± 0.05
± 10%
C1005X7S1A474K050BC
C1005X7S0J474K050BB
± 20%
C1005X7S1A474M050BC
C1005X7S0J474M050BB
680 nF
1005
0.50 ± 0.05
± 10%
C1005X7S1A684K050BC
C1005X7S0J684K050BC
C1005X7S0G684K050BC
± 20%
C1005X7S1A684M050BC
C1005X7S0J684M050BC
C1005X7S0G684M050BC
1 F
1005
0.50 ± 0.05
± 10%
C1005X7S1A105K050BC
C1005X7S0J105K050BC
C1005X7S0G105K050BC
± 20%
C1005X7S1A105M050BC
C1005X7S0J105M050BC
C1005X7S0G105M050BC
1.5 F
1005
0.50 +0.15/-0.10
± 10%
C1005X7S1A155K050BC
0.50 ± 0.05
± 10%
C1005X7S0G155K050BC
± 20%
C1005X7S0G155M050BC
0.50 ± 0.10
± 10%
C1005X7S0J155K050BC
± 20%
C1005X7S0J155M050BC
0.50 ± 0.15
± 20%
C1005X7S1A155M050BC
2.2 F
1005
0.50 ± 0.10
± 10%
C1005X7S0J225K050BC
± 20%
C1005X7S0J225M050BC
0.50 +0.10/-0.15
± 10%
C1005X7S1A225K050BC
0.50 ± 0.05
± 10%
C1005X7S0G225K050BC
± 20%
C1005X7S0G225M050BC
0.50 ± 0.10
± 20%
C1005X7S1A225M050BC
1608
0.80 ± 0.10
± 10%
C1608X7S1A225K080AC
C1608X7S0J225K080AB
± 20%
C1608X7S1A225M080AC
C1608X7S0J225M080AB
3.3 F
1608
0.80 ± 0.10
± 10%
C1608X7S0J335K080AC
C1608X7S0G335K080AC
± 20%
C1608X7S0J335M080AC
C1608X7S0G335M080AC
0.80 ± 0.20
± 10%
C1608X7S1A335K080AC
± 20%
C1608X7S1A335M080AC
4.7 F
1608
0.80 ± 0.10
± 10%
C1608X7S0J475K080AC
C1608X7S0G475K080AC
± 20%
C1608X7S0J475M080AC
C1608X7S0G475M080AC
0.80 ± 0.20
± 10%
C1608X7S1A475K080AC
± 20%
C1608X7S1A475M080AC
6.8 F
1608
0.80 ± 0.20
± 10%
C1608X7S0J685K080AC
C1608X7S0G685K080AB
± 20%
C1608X7S0J685M080AC
C1608X7S0G685M080AB
3225
2.50 ± 0.30
± 10%
C3225X7S1H685K250AB
± 20%
C3225X7S1H685M250AB
10 F
1608
0.80 ± 0.20
± 20%
C1608X7S0J106M080AC
C1608X7S0G106M080AB
2012
0.85 ± 0.15
± 10%
C2012X7S0J106K085AC
C2012X7S0G106K085AC
± 20%
C2012X7S0J106M085AC
C2012X7S0G106M085AC
3225
2.50 ± 0.30
± 10%
C3225X7S1H106K250AB
± 20%
C3225X7S1H106M250AB
15 F
2012
1.25 ± 0.20
± 20%
C2012X7S1A156M125AC
C2012X7S0J156M125AC
C2012X7S0G156M125AC
3216
1.60 ± 0.20
± 20%
C3216X7S1A156M160AC
C3216X7S0J156M160AB
22 F
2012
1.25 ± 0.20
± 20%
C2012X7S1A226M125AC
C2012X7S0J226M125AC
C2012X7S0G226M125AC
3216
1.60 ± 0.20
± 20%
C3216X7S1A226M160AC
C3216X7S0J226M160AB
33 F
3216
1.60 ± 0.20
± 20%
C3216X7S0J336M160AC
C3216X7S0G336M160AB
47 F
3216
1.60 ± 0.20
± 20%
C3216X7S0J476M160AC
C3216X7S0G476M160AB
3225
2.50 ± 0.30
± 20%
C3225X7S0J476M250AC
Page 54
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com