Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 29 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 29 Page - TDK Electronics

Back Button C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0 ± 60 ppm/ºC)
Page 28
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
0.5 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C0R5C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H0R5C030BA
C0603CH1E0R5C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H0R5B050BA
± 0.25pF
C1005CH1H0R5C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H0R5C080AA
0.75 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1CR75C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1HR75C030BA
C0603CH1ER75C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1HR75B050BA
± 0.25pF
C1005CH1HR75C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1HR75C080AA
1 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C010C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H010C030BA
C0603CH1E010C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H010B050BA
± 0.25pF
C1005CH1H010C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H010C080AA
1.5 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C1R5C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H1R5C030BA
C0603CH1E1R5C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H1R5B050BA
± 0.25pF
C1005CH1H1R5C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H1R5C080AA
2 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C020C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H020C030BA
C0603CH1E020C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H020B050BA
± 0.25pF
C1005CH1H020C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H020C080AA
2.2 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C2R2C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H2R2C030BA
C0603CH1E2R2C030BA
3 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C030C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H030C030BA
C0603CH1E030C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H030B050BA
± 0.25pF
C1005CH1H030C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H030C080AA
3.3 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C3R3C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H3R3C030BA
C0603CH1E3R3C030BA
4 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C040C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H040C030BA
C0603CH1E040C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H040B050BA
± 0.25pF
C1005CH1H040C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H040C080AA
4.7 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C4R7C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H4R7C030BA
C0603CH1E4R7C030BA
5 pF
0402
0.20 ± 0.02
± 0.25pF
C0402CH1C050C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603CH1H050C030BA
C0603CH1E050C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005CH1H050B050BA
± 0.25pF
C1005CH1H050C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H050C080AA
6 pF
0402
0.20 ± 0.02
± 0.50pF
C0402CH1C060D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603CH1H060D030BA
C0603CH1E060D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005CH1H060C050BA
± 0.50pF
C1005CH1H060D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H060C080AA
± 0.50pF
C1608CH1H060D080AA
6.8 pF
0402
0.20 ± 0.02
± 0.50pF
C0402CH1C6R8D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603CH1H6R8D030BA
C0603CH1E6R8D030BA
7 pF
0402
0.20 ± 0.02
± 0.50pF
C0402CH1C070D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603CH1H070D030BA
C0603CH1E070D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005CH1H070C050BA
± 0.50pF
C1005CH1H070D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608CH1H070C080AA
± 0.50pF
C1608CH1H070D080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com