Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 51 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 51 Page - TDK Electronics

Back Button C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
680 pF
1005
0.50 ± 0.05
± 10%
C1005X7R1H681K050BA
± 20%
C1005X7R1H681M050BA
1 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1E102K030BA
± 20%
C0603X7R1E102M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H102K050BA
C1005X7R1E102K050BA
± 20%
C1005X7R1H102M050BA
1.5 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1E152K030BA
± 20%
C0603X7R1E152M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H152K050BA
± 20%
C1005X7R1H152M050BA
2.2 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1E222K030BA
C0603X7R1C222K030BA
± 20%
C0603X7R1E222M030BA
C0603X7R1C222M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H222K050BA
± 20%
C1005X7R1H222M050BA
3.3 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1E332K030BA
± 20%
C0603X7R1E332M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H332K050BA
± 20%
C1005X7R1H332M050BA
4.7 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1C472K030BA
± 20%
C0603X7R1C472M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H472K050BA
± 20%
C1005X7R1H472M050BA
6.8 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H682K050BA
± 20%
C1005X7R1H682M050BA
10 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H103K050BB
C1005X7R1V103K050BB
C1005X7R1E103K050BB
C1005X7R1C103K050BA
± 20%
C1005X7R1H103M050BB
C1005X7R1V103M050BB
C1005X7R1E103M050BB
1608
0.80 ± 0.10
± 10%
C1608X7R1H103K080AA
C1608X7R1E103K080AA
± 20%
C1608X7R1H103M080AA
15 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H153K050BB
C1005X7R1V153K050BB
± 20%
C1005X7R1H153M050BB
C1005X7R1V153M050BB
1608
0.80 ± 0.10
± 10%
C1608X7R1H153K080AA
± 20%
C1608X7R1H153M080AA
22 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H223K050BB
C1005X7R1V223K050BB
C1005X7R1E223K050BB
± 20%
C1005X7R1H223M050BB
C1005X7R1V223M050BB
C1005X7R1E223M050BB
1608
0.80 ± 0.10
± 10%
C1608X7R1H223K080AA
± 20%
C1608X7R1H223M080AA
33 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H333K050BB
C1005X7R1V333K050BB
± 20%
C1005X7R1H333M050BB
C1005X7R1V333M050BB
1608
0.80 ± 0.10
± 10%
C1608X7R1H333K080AA
± 20%
C1608X7R1H333M080AA
47 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H473K050BB
C1005X7R1V473K050BB
C1005X7R1E473K050BC
C1005X7R1C473K050BC
± 20%
C1005X7R1H473M050BB
C1005X7R1V473M050BB
C1005X7R1E473M050BC
C1005X7R1C473M050BC
1608
0.80 ± 0.10
± 10%
C1608X7R1H473K080AA
± 20%
C1608X7R1H473M080AA
68 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H683K050BB
C1005X7R1V683K050BB
C1005X7R1E683K050BB
C1005X7R1C683K050BC
± 20%
C1005X7R1H683M050BB
C1005X7R1V683M050BB
C1005X7R1E683M050BB
C1005X7R1C683M050BC
1608
0.80 ± 0.10
± 10%
C1608X7R1H683K080AA
± 20%
C1608X7R1H683M080AA
100 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1H104K050BB
C1005X7R1V104K050BB
C1005X7R1E104K050BB
C1005X7R1C104K050BC
± 20%
C1005X7R1H104M050BB
C1005X7R1V104M050BB
C1005X7R1E104M050BB
C1005X7R1C104M050BC
1608
0.80 ± 0.10
± 10%
C1608X7R1H104K080AA
C1608X7R1E104K080AA
± 20%
C1608X7R1H104M080AA
C1608X7R1E104M080AA
2012
0.85 ± 0.15
± 10%
C2012X7R1H104K085AA
± 20%
C2012X7R1H104M085AA
150 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1C154K050BC
± 20%
C1005X7R1C154M050BC
1608
0.80 ± 0.10
± 10%
C1608X7R1H154K080AB
C1608X7R1V154K080AB
C1608X7R1E154K080AA
± 20%
C1608X7R1H154M080AB
C1608X7R1V154M080AB
C1608X7R1E154M080AA
2012
0.85 ± 0.15
± 10%
C2012X7R1H154K085AA
± 20%
C2012X7R1H154M085AA
Page 50
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com