Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 33 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 33 Page - SPANSION

Back Button S25FL032P Datasheet HTML 29Page - SPANSION S25FL032P Datasheet HTML 30Page - SPANSION S25FL032P Datasheet HTML 31Page - SPANSION S25FL032P Datasheet HTML 32Page - SPANSION S25FL032P Datasheet HTML 33Page - SPANSION S25FL032P Datasheet HTML 34Page - SPANSION S25FL032P Datasheet HTML 35Page - SPANSION S25FL032P Datasheet HTML 36Page - SPANSION S25FL032P Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
33
Data
Sheet
22h
0Fh
Typical timeout for full chip erase 2
N ms (00h = not supported)
23h
01h
Max. timeout for byte program 2
N times typical
24h
01h
Max. timeout for page program 2N times typical
25h
02h
Max. timeout per individual sector erase 2N times typical
26h
01h
Max. timeout for full chip erase 2N times typical
(00h = not supported)
Table 9.4 Product Group CFI System Interface String
Table 9.5 Product Group CFI Device Geometry Definition
Byte
Data
Description
27h
16h
Device Size = 2 N byte;
28h
05h
Flash Device Interface Description;
00h = x8 only
01h = x16 only
02h = x8/x16 capable
03h = x32 only
04h = Single I/O SPI, 3-byte address
05h = Multi I/O SPI, 3-byte address
29h
05h
2Ah
08h
Max. number of bytes in multi-byte write = 2N
(00 = not supported)
2Bh
00h
2Ch
02h
Number of Erase Block Regions within device
1 = Uniform Device, 2 = Parameter Block
2Dh
1Fh
Erase Block Region 1 Information (refer to CFI publication 100)
2Eh
00h
2Fh
10h
30h
00h
31h
3Dh
Erase Block Region 2 Information (refer to CFI publication 100)
32h
00h
33h
00h
34h
01h
35h
00h
Erase Block Region 3 Information (refer to CFI publication 100)
36h
00h
37h
00h
38h
00h
39h
00h
Erase Block Region 4 Information (refer to CFI publication 100)
3Ah
00h
3Bh
00h
3Ch
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com