Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 22 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 22 Page - SPANSION

Back Button S25FL032P Datasheet HTML 18Page - SPANSION S25FL032P Datasheet HTML 19Page - SPANSION S25FL032P Datasheet HTML 20Page - SPANSION S25FL032P Datasheet HTML 21Page - SPANSION S25FL032P Datasheet HTML 22Page - SPANSION S25FL032P Datasheet HTML 23Page - SPANSION S25FL032P Datasheet HTML 24Page - SPANSION S25FL032P Datasheet HTML 25Page - SPANSION S25FL032P Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
22
S25FL032P
S25FL032P_00_09 January 29, 2013
Data
She e t
9.
Command Definitions
The host system must shift all commands, addresses, and data in and out of the device, beginning with the
most significant bit. On the first rising edge of SCK after CS# is driven low, the device accepts the one-byte
command on SI (all commands are one byte long), most significant bit first. Each successive bit is latched on
the rising edge of SCK. Table 9.1 lists the complete set of commands.
Every command sequence begins with a one-byte command code. The command may be followed by
address, data, both, or nothing, depending on the command. CS# must be driven high after the last bit of the
command sequence has been written.
The Read Data Bytes (READ), Read Data Bytes at Higher Speed (FAST_READ), Dual Output Read (DOR),
Quad Output Read (QOR), Dual I/O High Performance Read (DIOR), Quad I/O High Performance Read
(QIOR), Read Status Register (RDSR), Read Configuration Register (RCR), Read OTP Data (OTPR), Read
Manufacturer and Device ID (READ_ID), Read Identification (RDID) and Release from Deep Power-Down
and Read Electronic Signature (RES) command sequences are followed by a data output sequence on SO.
CS# can be driven high after any bit of the sequence is output to terminate the operation.
The Page Program (PP), Quad Page Program (QPP), 64 KB Sector Erase (SE), 4 KB Parameter Sector
Erase (P4E), 8 KB Parameter Sector Erase (P8E), Bulk Erase (BE), Write Status and Configuration Registers
(WRR), Program OTP space (OTPP), Write Enable (WREN), or Write Disable (WRDI) commands require that
CS# be driven high at a byte boundary, otherwise the command is not executed. Since a byte is composed of
eight bits, CS# must therefore be driven high when the number of clock pulses after CS# is driven low is an
exact multiple of eight.
The device ignores any attempt to access the memory array during a Write Registers, program, or erase
operation, and continues the operation uninterrupted.
The instruction set is listed in Table 9.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com