Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 61 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 61 Page - SPANSION

Back Button S25FL032P Datasheet HTML 57Page - SPANSION S25FL032P Datasheet HTML 58Page - SPANSION S25FL032P Datasheet HTML 59Page - SPANSION S25FL032P Datasheet HTML 60Page - SPANSION S25FL032P Datasheet HTML 61Page - SPANSION S25FL032P Datasheet HTML 62Page - SPANSION S25FL032P Datasheet HTML 63Page - SPANSION S25FL032P Datasheet HTML 64Page - SPANSION S25FL032P Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
61
Data
Sheet
19. Physical Dimensions
19.1
SOC008 wide — 8-pin Plastic Small Outline Package (208-mils Body Width)
3602 \ 16-038.03 \ 9.1.6
NOTES:
1.
ALL DIMENSIONS ARE IN BOTH INCHES AND MILLMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M - 1994.
3.
DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 mm
PER END. DIMENSION E1 DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 mm PER SIDE. D AND E1
DIMENSIONS ARE DETERMINED AT DATUM H.
4.
THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE
BOTTOM. DIMENSIONS D AND E1 ARE DETERMINED AT THE
OUTMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF
MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD
FLASH. BUT INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
5.
DATUMS A AND B TO BE DETERMINED AT DATUM H.
6.
"N" IS THE MAXIMUM NUMBER OF TERMINAL POSITIONS FOR
THE SPECIFIED PACKAGE LENGTH.
7.
THE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD
BETWEEN 0.10 TO 0.25 mm FROM THE LEAD TIP.
8.
DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.10 mm TOTAL
IN EXCESS OF THE "b" DIMENSION AT MAXIMUM MATERIAL
CONDITION. THE DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OF THE LEAD FOOT.
9.
THIS CHAMFER FEATURE IS OPTIONAL. IF IT IS NOT PRESENT,
THEN A PIN 1 IDENTIFIER MUST BE LOCATED WITHIN THE INDEX
AREA INDICATED.
10.
LEAD COPLANARITY SHALL BE WITHIN 0.10 mm AS MEASURED
FROM THE SEATING PLANE.
PACKAGE
SOC 008 (inches)
SOC 008 (mm)
JEDEC
SYMBOL
MIN
MAX
MIN
MAX
A
0.069
0.085
1.753
2.159
A1
0.002
0.0098
0.051
0.249
A2
0.067
0.075
1.70
1.91
b
0.014
0.019
0.356
0.483
b10.013
0.018
0.330
0.457
c
0.0075
0.0095
0.191
0.241
c1
0.006
0.008
0.152
0.203
D
0.208 BSC
5.283 BSC
E
0.315 BSC
8.001 BSC
E1
0.208 BSC
5.283 BSC
e
.050 BSC
1.27 BSC
L
0.020
0.030
0.508
0.762
L1
.049 REF
1.25 REF
L2
.010 BSC
0.25 BSC
N
8
8
θ
0˚
8˚0˚
8˚
θ1
5˚
15˚
5˚
15˚
θ2
0˚
0˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com