Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 13 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 13 Page - SPANSION

Back Button S25FL032P Datasheet HTML 9Page - SPANSION S25FL032P Datasheet HTML 10Page - SPANSION S25FL032P Datasheet HTML 11Page - SPANSION S25FL032P Datasheet HTML 12Page - SPANSION S25FL032P Datasheet HTML 13Page - SPANSION S25FL032P Datasheet HTML 14Page - SPANSION S25FL032P Datasheet HTML 15Page - SPANSION S25FL032P Datasheet HTML 16Page - SPANSION S25FL032P Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
13
Data
Sheet
5.
Ordering Information
The ordering part number is formed by a valid combination of the following:
5.1
Valid Combinations
Table 5.1 lists the valid combinations configurations planned to be supported in volume for this device.
S25FL
032
P
0X
M
F
I
00
1
Packing Type
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
Model Number (Additional Ordering Options)
03
=
6 x 4 pin configuration BGA package
02
=
5 x 5 pin configuration BGA package
01
=
8-pin SO package / 8-contact USON package
00
=
16-pin SO package / 8-contact WSON package
Temperature Range
I
=
Industrial (–40°C to +85°C)
V
=
Automotive In-cabin (–40°C to +105°C)
Package Materials
F
=
Lead (Pb)-free
H
=
Low-Halogen, Lead (Pb)-free
Package Type
M
=
8-pin / 16-pin SO package
N
=
8-contact USON / WSON package
B
=
24-ball BGA 6 x 8 mm package, 1.00 mm pitch
Speed
0X
=
104 MHz
Device Technology
P
=
0.09 µm MirrorBit® Process Technology
Density
032 =
32 Mbit
Device Family
S25FL
Spansion Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
Table 5.1 S25FL032P Valid Combinations
S25FL032P Valid Combinations
Package Marking
Base Ordering
Part Number
Speed Option
Package &
Temperature
Model
Number
Packing Type
S25FL032P
0X
MFI, NFI
00, 01
0, 1, 3
FL032P + (Temp) + F
MFV, NFV
BHI
02, 03
0, 3
BHV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com