Electronic Components Datasheet Search
  English  ▼

X  

S25FL032P Datasheet(PDF) 39 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 39 Page - SPANSION

Back Button S25FL032P Datasheet HTML 35Page - SPANSION S25FL032P Datasheet HTML 36Page - SPANSION S25FL032P Datasheet HTML 37Page - SPANSION S25FL032P Datasheet HTML 38Page - SPANSION S25FL032P Datasheet HTML 39Page - SPANSION S25FL032P Datasheet HTML 40Page - SPANSION S25FL032P Datasheet HTML 41Page - SPANSION S25FL032P Datasheet HTML 42Page - SPANSION S25FL032P Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
January 29, 2013 S25FL032P_00_09
S25FL032P
39
Data
Sheet
9.13
Write Registers (WRR)
The Write Registers (WRR) command allows changing the bits in the Status and Configuration Registers. A
Write Enable (WREN) command, which itself sets the Write Enable Latch (WEL) in the Status Register, is
required prior to writing the WRR command. Table 9.8 shows the status register bits and their functions.
The host system must drive CS# low, then write the WRR command and the appropriate data byte on SI
Figure 9.15.
The WRR command cannot change the state of the Write Enable Latch (bit 1). The WREN command must be
used for that purpose.
The Status Register consists of one data byte in length; similarly, the Configuration Register is also one data
byte in length. The CS# pin must be driven to the logic low state during the entire duration of the sequence.
The WRR command also controls the value of the Status Register Write Disable (SRWD) bit. The SRWD bit
and W#/ACC pin together place the device in the Hardware Protected Mode (HPM). The device ignores all
WRR commands once it enters the Hardware Protected Mode (HPM). Table 9.9 shows that W#/ACC must be
driven low and the SRWD bit must be 1 for this to occur.
The Write Registers (WRR) instruction has no effect on the P/E Error and the WIP bits of the Status &
Configuration Registers. Any bit reserved for the future is always read as a ‘0’
The CS# chip select input pin must be driven to the logic high state after the eighth (see Figure 9.15) or
sixteenth (see Figure 9.16) bit of data has been latched in. If not, the Write Registers (WRR) instruction is not
executed. If CS# is driven high after the eighth cycle then only the Status Register is written to; otherwise,
after the sixteenth cycle both the Status and Configuration Registers are written to. As soon as the CS# chip
select input pin is driven to the logic high state, the self-timed Write Registers cycle is initiated. While the
Write Registers cycle is in progress, the Status Register may still be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is a ‘1’ during the self-timed Write Registers cycle, and is
a ‘0’ when it is completed. When the Write Registers cycle is completed, the Write Enable Latch (WEL) is set
to a ‘0’. The WRR command can operate at a maximum clock frequency of 104 MHz.
Figure 9.15 Write Registers (WRR) Instruction Sequence – 8 data bits
n
I
r
e
t
s
i
g
e
R
s
u
t
a
t
S
n
o
i
t
c
u
r
t
s
n
I
1
3
0
1
29
8
7
6
5
4
0
14
13
12
11
15
1
3
20
76
5
4
SCK
SI
SO
MSB
High Impedance
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com