Electronic Components Datasheet Search
  English  ▼

X  

PIC18F23K22 Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC18F23K22
Description  Flash Memory Programming Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 24Page - Microchip Technology PIC18F23K22 Datasheet HTML 25Page - Microchip Technology PIC18F23K22 Datasheet HTML 26Page - Microchip Technology PIC18F23K22 Datasheet HTML 27Page - Microchip Technology PIC18F23K22 Datasheet HTML 28Page - Microchip Technology PIC18F23K22 Datasheet HTML 29Page - Microchip Technology PIC18F23K22 Datasheet HTML 30Page - Microchip Technology PIC18F23K22 Datasheet HTML 31Page - Microchip Technology PIC18F23K22 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PIC18(L)F2XK22/4XK22
DS41398B-page 28
Advance Information
 2010 Microchip Technology Inc.
5.0
CONFIGURATION WORD
The PIC18(L)F2XK22/4XK22 devices have several
Configuration Words. These bits can be set or cleared
to select various device configurations. All other mem-
ory areas should be programmed and verified prior to
setting Configuration Words. These bits may be read
out normally, even after read or code protection. See
Table 5-1 for a list of Configuration bits and device IDs
and Table 5-3 for the Configuration bit descriptions.
5.1
User ID Locations
A user may store identification information (ID) in eight
ID locations mapped in 200000h:200007h. It is
recommended that the Most Significant nibble of each
ID be Fh. In doing so, if the user code inadvertently tries
to execute from the ID space, the ID data will execute
as a NOP.
5.2
Device ID Word
The device ID word for the PIC18(L)F2XK22/4XK22
devices is located at 3FFFFEh:3FFFFFh. These bits
may be used by the programmer to identify what device
type is being programmed and read out normally, even
after code or read protection. See Table 5-2 for a
complete list of device ID values.
FIGURE 5-1:
READ DEVICE ID WORD
FLOW
TABLE 5-1:
CONFIGURATION BITS AND DEVICE IDs
Start
Set TBLPTR = 3FFFFE
Done
Read Low Byte
Read High Byte
with Post-Increment
with Post-Increment
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300001h
CONFIG1H
IESO
FCMEN PRI_CLK_EN PLLEN
FOSC3
FOSC2
FOSC1
FOSC0
0010 0101
300002h
CONFIG2L
—
—
—
BORV1
BORV0
BOREN1 BOREN0 PWRTEN
---1 1111
300003h
CONFIG2H
—
—
WDTPS3
WDTPS2 WDTPS1 WDTPS0 WDTEN1 WDTEN0
--11 1111
300005h
CONFIG3H MCLRE
—
P2BMX
T3CMX
HFOFST CCP3MX PBADEN CCP2MX
1-11 1111
300006h
CONFIG4L DEBUG XINST
—
—
—LVP
—STVREN
10-- -1-1
300008h
CONFIG5L
—
—
—
—CP3(1)
CP2(1)
CP1
CP0
---- 1111
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah
CONFIG6L
—
—
—
—WRT3(1)
WRT2(1)
WRT1
WRT0
---- 1111
30000Bh
CONFIG6H WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch
CONFIG7L
—
—
—
—EBTR3(1) EBTR2(1)
EBTR1
EBTR0
---- 1111
30000Dh
CONFIG7H
—EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh DEVID1(2)
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
See Table 5-2
3FFFFFh
DEVID2(2)
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
See Table 5-2
Legend:
x
= unknown, u = unchanged, – = unimplemented. Shaded cells are unimplemented, read as ‘0’.
Note 1:
These bits are only implemented on specific devices. Refer to Section 2.3 “Memory Maps” to determine which bits
apply based on available memory.
2:
DEVID registers are read-only and cannot be programmed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com