Electronic Components Datasheet Search
  English  ▼

X  

PIC18F23K22 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC18F23K22
Description  Flash Memory Programming Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 26Page - Microchip Technology PIC18F23K22 Datasheet HTML 27Page - Microchip Technology PIC18F23K22 Datasheet HTML 28Page - Microchip Technology PIC18F23K22 Datasheet HTML 29Page - Microchip Technology PIC18F23K22 Datasheet HTML 30Page - Microchip Technology PIC18F23K22 Datasheet HTML 31Page - Microchip Technology PIC18F23K22 Datasheet HTML 32Page - Microchip Technology PIC18F23K22 Datasheet HTML 33Page - Microchip Technology PIC18F23K22 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PIC18(L)F2XK22/4XK22
DS41398B-page 30
Advance Information
 2010 Microchip Technology Inc.
TABLE 5-3:
PIC18(L)F2XK22/4XK22 BIT DESCRIPTIONS
Bit Name
Configuration
Words
Description
IESO
CONFIG1H
Internal External Switchover bit
1 = Internal External Switchover mode enabled
0 = Internal External Switchover mode disabled
FCMEN
CONFIG1H
Fail-Safe Clock Monitor Enable bit
1 = Fail-Safe Clock Monitor enabled
0 = Fail-Safe Clock Monitor disabled
PRICLKEN
CONFIG1H
1 = Primary clock enabled
0 = Primary clock disabled
FOSC<3:0>
CONFIG1H
Oscillator Selection bits
1111 = External RC oscillator, CLKOUT function on OSC2
1110 = External RC oscillator, CLKOUT function on OSC2
1101 = EC oscillator (low power)
1100 = EC oscillator, CLKOUT function on OSC2 (low power)
1011 = EC oscillator (medium power, 4 MHz-16 MHz)
1010 = EC oscillator, CLKOUT function on OSC2 (medium power, 4 MHz-16 MHz)
1001 = Internal RC oscillator, CLKOUT function on OSC2
1000 = Internal RC oscillator
0111 = External RC oscillator
0110 = External RC oscillator, CLKOUT function on OSC2
0101 = EC oscillator (high power, >16 MHz)
0100 = EC oscillator, CLKOUT function on OSC2 (high power, >16 MHz)
0011 = HS oscillator (medium power, 4 MHz-16 MHz)
0010 = HS oscillator (high power, >16 MHz)
0001 = XT oscillator
0000 = LP oscillator
BORV<1:0>
CONFIG2L
Brown-out Reset Voltage bits
11 =VBOR set to 1.9V
10 =VBOR set to 2.2V
01 =VBOR set to 2.5V
00 =VBOR set to 2.85V
BOREN<1:0>
CONFIG2L
Brown-out Reset Enable bits
11 = Brown-out Reset enabled in hardware only (SBOREN is disabled)
10 = Brown-out Reset enabled in hardware only and disabled in Sleep mode
(SBOREN is disabled)
01 = Brown-out Reset enabled and controlled by software (SBOREN is enabled)
00 = Brown-out Reset disabled in hardware and software
PWRTEN
CONFIG2L
Power-up Timer Enable bit
1 = PWRT disabled
0 = PWRT enabled
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com