Electronic Components Datasheet Search
  English  ▼

X  

PIC18F23K22 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC18F23K22
Description  Flash Memory Programming Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 2Page - Microchip Technology PIC18F23K22 Datasheet HTML 3Page - Microchip Technology PIC18F23K22 Datasheet HTML 4Page - Microchip Technology PIC18F23K22 Datasheet HTML 5Page - Microchip Technology PIC18F23K22 Datasheet HTML 6Page - Microchip Technology PIC18F23K22 Datasheet HTML 7Page - Microchip Technology PIC18F23K22 Datasheet HTML 8Page - Microchip Technology PIC18F23K22 Datasheet HTML 9Page - Microchip Technology PIC18F23K22 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PIC18(L)F2XK22/4XK22
DS41398B-page 6
Advance Information
 2010 Microchip Technology Inc.
For PIC18(L)FX4K22 devices, the code memory space
extends from 000000h to 003FFFh (16 Kbytes) in two
4-Kbyte blocks. Addresses 000000h through 0007FFh,
however, define a “Boot Block” region that is treated
separately from Block 0. All of these blocks define code
protection boundaries within the code memory space.
TABLE 2-3:
IMPLEMENTATION OF CODE
MEMORY
FIGURE 2-7:
MEMORY MAP AND THE CODE MEMORY SPACE FOR PIC18(L)FX4K22
DEVICES
Device
Code Memory Size (Bytes)
PIC18F24K22
000000h-003FFFh (16K)
PIC18LF24K22
PIC18F44K22
PIC18LF44K22
000000h
200000h
3FFFFFh
01FFFFh
Note:
Sizes of memory areas not to scale.
Code Memory
Unimplemented
Read as ‘0’
Configuration
and ID
Space
MEMORY SIZE/DEVICE
16 Kbytes
(PIC18(L)FX4K22)
Address
Range
Boot Block
000000h
0007FFh
Block 0
000800h
001FFFh
Block 1
002000h
003FFFh
Unimplemented
Read ‘0’s
01FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com