Electronic Components Datasheet Search
  English  ▼

X  

AD7829BN Datasheet(PDF) 7 Page - Analog Devices

Part # AD7829BN
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7829BN Datasheet HTML 3Page - Analog Devices AD7829BN Datasheet HTML 4Page - Analog Devices AD7829BN Datasheet HTML 5Page - Analog Devices AD7829BN Datasheet HTML 6Page - Analog Devices AD7829BN Datasheet HTML 7Page - Analog Devices AD7829BN Datasheet HTML 8Page - Analog Devices AD7829BN Datasheet HTML 9Page - Analog Devices AD7829BN Datasheet HTML 10Page - Analog Devices AD7829BN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
DB2
1
DB1
2
DB0
3
CONVST
4
DB3
20
DB4
19
DB5
18
DB6
17
CS
5
RD
6
DGND
7
DB7
16
AGND
15
VDD
14
EOC
8
VREF IN/OUT
13
PD
9
VMID
12
NC 10
VIN1
11
NC = NO CONNECT
AD7822
TOP VIEW
(Not to Scale)
DB2
1
DB1
2
DB0
3
CONVST
4
DB3
24
DB4
23
DB5
22
DB6
21
CS
5
DB7
20
RD
6
AGND
19
DGND
7
VDD
18
EOC
8
VREF IN/OUT
17
A1
9
VMID
16
A0 10
VIN1
15
PD 11
VIN2
14
VIN4 12
VIN3
13
AD7825
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB1
DB0
CONVST
DGND
RD
CS
DB2
DB4
DB5
DB6
VDD
AGND
DB7
EOC
A2
A1
VIN6
VIN8
A0
VREF IN/OUT
VMID
VIN1
VIN5
VIN7
VIN4
VIN3
VIN2
DB3
AD7829
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Figure 4. Pin Configuration
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Mnemonic
Description
VIN1 to VIN8
Analog Input Channels. The AD7822 has a single input channel; the AD7825 and AD7829 have four and eight analog input
channels, respectively. The inputs have an input span of 2.5 V and 2 V depending on the supply voltage (VDD). This span can
be centered anywhere in the range AGND to VDD using the VMID pin. The default input range (VMID unconnected) is AGND to
2 V (VDD = 3 V ± 10%) or AGND to 2.5 V (VDD = 5 V ± 10%). See the Analog Input section of the data sheet for more information.
VDD
Positive Supply Voltage, 3 V ± 10% and 5 V ± 10%.
AGND
Analog Ground. Ground reference for track-and-hold, comparators, reference circuit, and multiplexer.
DGND
Digital Ground. Ground reference for digital circuitry.
CONVST
Logic Input Signal. The convert start signal initiates an 8-bit analog-to-digital conversion on the falling edge of this signal. The
falling edge of this signal places the track-and-hold in hold mode. The track-and-hold goes into track mode again 120 ns after
the start of a conversion. The state of the CONVST signal is checked at the end of a conversion. If it is logic low, the AD7822/
AD7825/AD7829 powers down (see the Operating Modes section of the data sheet).
EOC
Logic Output. The end-of-conversion signal indicates when a conversion has finished. The signal can be used to interrupt
a microcontroller when a conversion has finished or latch data into a gate array (see the Parallel Interface section).
CS
Logic Input Signal. The chip select signal is used to enable the parallel port of the AD7822/AD7825/AD7829. This is necessary
if the ADC is sharing a common data bus with another device.
PD
Logic Input. The power-down pin is present on the AD7822 and AD7825 only. Bringing the PD pin low places the AD7822 and
AD7825 in power-down mode. The ADCs power up when PD is brought logic high again.
RD
Logic Input Signal. The read signal is used to take the output buffers out of their high impedance state and drive data onto
the data bus. The signal is internally gated with the CS signal. Both RD and CS must be logic low to enable the data bus.
A0 to A2
Channel Address Inputs. The address of the next multiplexer channel must be present on these inputs when the RD signal
goes low.
DB0 to DB7
Data Output Lines. They are normally held in a high impedance state. Data is driven onto the data bus when both RD and CS
go active low.
VREF IN/OUT
Analog Input and Output. An external reference can be connected to the AD7822/AD7825/AD7829 at this pin. The on-chip
reference is also available at this pin. When using the internal reference, this pin can be left unconnected or, in some cases, it
can be decoupled to AGND with a 0.1 μF capacitor.
VMID
The VMID pin, if connected, is used to center the analog input span anywhere in the range of AGND to VDD (see the Analog
Input section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com