Electronic Components Datasheet Search
  English  ▼

X  

AD7829BN Datasheet(PDF) 17 Page - Analog Devices

Part # AD7829BN
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BN Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7829BN Datasheet HTML 13Page - Analog Devices AD7829BN Datasheet HTML 14Page - Analog Devices AD7829BN Datasheet HTML 15Page - Analog Devices AD7829BN Datasheet HTML 16Page - Analog Devices AD7829BN Datasheet HTML 17Page - Analog Devices AD7829BN Datasheet HTML 18Page - Analog Devices AD7829BN Datasheet HTML 19Page - Analog Devices AD7829BN Datasheet HTML 20Page - Analog Devices AD7829BN Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 17 of 28
PARALLEL INTERFACE
The parallel interface of the AD7822/AD7825/AD7829 is eight
bits wide. Figure 26 shows a timing diagram illustrating the
operational sequence of the AD7822/AD7825/AD7829 parallel
interface. The multiplexer address is latched into the AD7822/
AD7825/AD7829 on the falling edge of the RD input. The on-
chip track-and-hold goes into hold mode on the falling edge of
CONVST, and a conversion is also initiated at this point. When
the conversion is complete, the end of conversion line (EOC)
pulses low to indicate that new data is available in the output
register of the AD7822/AD7825/AD7829. The EOC pulse stays
logic low for a maximum time of 110 ns.
However, the EOC pulse can be reset high by a rising edge
of RD. This EOC line can be used to drive an edge-triggered
interrupt of a microprocessor. CS and RD going low accesses
the 8-bit conversion result. It is possible to tie CS permanently
low and use only RD to access the data. In systems where the
part is interfaced to a gate array or ASIC, this EOC pulse can be
applied to the CS and RD inputs to latch data out of the AD7822/
AD7825/AD7829 and into the gate array or ASIC. This means
that the gate array or ASIC does not need any conversion status
recognition logic, and it also eliminates the logic required in the
gate array or ASIC to generate the read signal for the AD7822/
AD7825/AD7829.
CONVST
EOC
CS
RD
DB0 TO DB7
A0 TO A2
t1
t4
t5
t6
t7
t8
t3
t9
t10
t11
t12
t13
VALID
DATA
NEXT
CHANNEL
ADDRESS
t2
Figure 26. AD7822/AD7825/AD7829 Parallel Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com